Electronic Components Datasheet Search
  English  ▼

X  

AP3105 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3105
Description  COST EFFECTIVE GREEN PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3105 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3105 Datasheet HTML 2Page - Diodes Incorporated AP3105 Datasheet HTML 3Page - Diodes Incorporated AP3105 Datasheet HTML 4Page - Diodes Incorporated AP3105 Datasheet HTML 5Page - Diodes Incorporated AP3105 Datasheet HTML 6Page - Diodes Incorporated AP3105 Datasheet HTML 7Page - Diodes Incorporated AP3105 Datasheet HTML 8Page - Diodes Incorporated AP3105 Datasheet HTML 9Page - Diodes Incorporated AP3105 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP3105/V/L/R
Document number: DS36927 Rev. 2 - 2
6 of 13
www.diodes.com
February 2014
© Diodes Incorporated
AP3105/V/L/R
A Product Line of
Diodes Incorporated
Electrical Characteristics (Cont.) (@TA=+25°C, VCC=16V, unless otherwise specified.)
Protection Section (CTRL Pin)
–
Source Current
–
90
100
110
µA
–
Internal Reference Voltage
–
–
1.5
–
V
–
Low Threshold Trigger for
Latch
–
0.47
0.5
0.53
V
–
High Threshold Trigger for
Latch
–
2.35
2.5
2.65
V
–
Pull-up Current (Note 3)
–
–
–
2
mA
Delay Time Section
–
Delay of Short Circuit
Protection
–
22
32
40
ms
–
Delay of Hiccup Protection
VCC OVP
–
25
–
µs
Notes:
2 . Guaranteed by design.
3 . The sourcing current of CTRL pin must be limited below 5mA.Otherwise it may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com