Electronic Components Datasheet Search
  English  ▼

X  

INA592 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA592
Description  High-Precision, Wide-Bandwidth e-trim Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA592 Datasheet(HTML) 3 Page - Texas Instruments

  INA592 Datasheet HTML 1Page - Texas Instruments INA592 Datasheet HTML 2Page - Texas Instruments INA592 Datasheet HTML 3Page - Texas Instruments INA592 Datasheet HTML 4Page - Texas Instruments INA592 Datasheet HTML 5Page - Texas Instruments INA592 Datasheet HTML 6Page - Texas Instruments INA592 Datasheet HTML 7Page - Texas Instruments INA592 Datasheet HTML 8Page - Texas Instruments INA592 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
REF
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
SENSE
NC = No Connection
3
INA592
www.ti.com
SBOS914 – OCTOBER 2018
Product Folder Links: INA592
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DGK (VSSOP)
+IN
3
I
12-kΩ resistor to noninverting terminal of op amp. Used as positive input in G =
½ configuration. Used as reference pin in G = 2 configuration.
–IN
2
I
12 kΩ resistor to inverting terminal of op amp. Used as negative input in G = ½
configuration. Connect to output in G = 2 configuration.
OUT
6
O
Output
REF
1
I
6-kΩ resistor to noninverting terminal of op amp. Used as reference pin in G =
½ configuration. Used as positive input in G = 2 configuration.
SENSE
5
I
6-kΩ resistor to inverting terminal of op amp. Connect to output in G = ½
configuration. Used as negative input in G = 2 configuration.
V+
7
—
Positive (highest) power supply
V–
4
—
Negative (lowest) power supply
NC
8
—
No internal connection (can be left floating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com