Electronic Components Datasheet Search
  English  ▼

X  

INA592 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA592
Description  High-Precision, Wide-Bandwidth e-trim Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA592 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA592 Datasheet HTML 2Page - Texas Instruments INA592 Datasheet HTML 3Page - Texas Instruments INA592 Datasheet HTML 4Page - Texas Instruments INA592 Datasheet HTML 5Page - Texas Instruments INA592 Datasheet HTML 6Page - Texas Instruments INA592 Datasheet HTML 7Page - Texas Instruments INA592 Datasheet HTML 8Page - Texas Instruments INA592 Datasheet HTML 9Page - Texas Instruments INA592 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
INA592
SBOS914 – OCTOBER 2018
www.ti.com
Product Folder Links: INA592
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Includes effects of input bias and offset currents of amplifier.
(2)
Resistors are ratio matched but have ±20% absolute value.
(3)
Specified by wafer test to 95% confidence level.
6.6 Electrical Characteristics: G = 2,VS = ±2.25 V to ±18 V
At TA = 25°C, VCM =VOUT = VS / 2, RL = 10 kΩ connected to ground, and REF pin connected to ground, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE (RTO)(1)
VOS
Input offset voltage
G = 2, RTO, TA = 25°C, VS = ±2.25 V to ±3 V
, VCM = -1.5V
±28
±80
µV
VOS
Input offset voltage
G = 2, RTO, TA = 25°C, VS = ±3 V to ±18 V
, VCM = VS / 2
±28
±80
µV
dVOS/dT
Input offset voltage drift
±1.4
±3
µV/°C
PSRR
Power-supply rejection ratio
VS = ±2.25 V to ±18 V
±1
±5
µV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
VO = 0 V
1.5 (V- )
- 0.15
1.5 (V+ )
+ 0.15
V
CMRR
Common-mode rejection
ratio
RTO, 1.5 [(V
−) – 0.1 V)] ≤
VCM ≤ 1.5 [(V+) – 3 V)]
TA = 25°C
82
94
dB
TA = –40°C to
125°C
76
84
dB
CMRR
Common-mode rejection
ratio
RTO, 1.5 [(V+) - 3 V)]
≤
VCM ≤ 1.5 [(V+))]
TA = 25°C
82
94
dB
TA = –40°C to
125°C
76
84
dB
INPUT IMPEDANCE(2)
zid
Differential
VO = 0 V
12
kΩ
zic
Common-mode
9
kΩ
GAIN
G
Initial
2
V/V
GE
Gain Error
VO = –10 V to 10 V, VS = ±15 V
±0.01%
±0.03%
Gain vs temperature(3)
±0.25
±1
ppm/°C
Gain nonlinearity
VO = –10 V to 10 V, VS = ±15 V
2
ppm
OUTPUT
VO
Voltage output swing from
rail
positive rail, RL = 10 kΩ to ground
260
350
mV
negative rail, RL = 10 kΩ to ground
290
350
mV
ISC
Short-circuit current
±65
mA
CLOAD
Capacitive load (stable
operation)
0.5
nF
En
Output voltage noise
f = 0.1 Hz to 10 Hz, RTO
4
μV rms
NOISE
en
Output voltage noise density
f = 1 kHz, RTO
40
nV/
√Hz
FREQUENCY RESPONSE
GBW
Small signal bandwidth
–3 dB
1
MHz
SR
Slew rate
18
V/µs
tS
Settling time: 0.1%
VO = 10-V step
1.6
µs
Settling time: 0.01%
2.4
µs
THD+N
Total harmonic distortion +
noise
f = 1 kHz, VO = 2.8 VRMS
0.00029
%
Noise floor, RTO
80kHz bandwidth, VO = 3.5
-114
dB
tDR
Overload recovery time
50% overdrive
200
ns
POWER SUPPLY
IQ
Quiescent current
IO = 0 mA
TA = 25°C
1.1
1.2
mA
TA = –40°C to
125°C
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com