Electronic Components Datasheet Search
  English  ▼

X  

INA592 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA592
Description  High-Precision, Wide-Bandwidth e-trim Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA592 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA592 Datasheet HTML 8Page - Texas Instruments INA592 Datasheet HTML 9Page - Texas Instruments INA592 Datasheet HTML 10Page - Texas Instruments INA592 Datasheet HTML 11Page - Texas Instruments INA592 Datasheet HTML 12Page - Texas Instruments INA592 Datasheet HTML 13Page - Texas Instruments INA592 Datasheet HTML 14Page - Texas Instruments INA592 Datasheet HTML 15Page - Texas Instruments INA592 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
5
6
1
3
INA592
2
V
1
V
O
A
2
A
1
R
2
R
2
R
1
–In
V
2
+In
V
O = (1 + 2R2/R1) (V2 –V1)
Copyright © 2017, Texas Instruments Incorporated
REF
R4
R3
R2
R1
OUT
V+IN
V-IN
+
±
SENSE
V-
IN
R2
INOP
R1 R2 V
IN
R2
INOP
R1 R2 V
12
INA592
SBOS914 – OCTOBER 2018
www.ti.com
Product Folder Links: INA592
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
Figure 11. Voltage Division in the Difference Amplifier Configuration
The INA592 has integrated ESD diodes at the inputs that provide overvoltage protection. This feature simplifies
system design by eliminating the need for additional external protection circuitry, and enables a more robust
system. The voltages at any of the inputs of the parts in G = ½ configuration with ±18 V supplies can safely
range from +VS − 54 V up to −VS + 54 V. For example, on ±10 V supplies, input voltages can go as high as ±30
V.
8.2.2.4 Capacitive Load Drive Capability
The INA592 can drive large capacitive loads, even at low supplies. It is stable with a 500-pF load. Refer to the
typical performance curves.
8.2.2.5 Other Examples for Difference Amplifier Configurations
The INA592 can be combined with op amps to form a complete instrumentation amplifier with specialized
performance characteristics, as shown in Figure 12.
Figure 12. Precision Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com