Electronic Components Datasheet Search
  English  ▼

X  

INA592 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA592
Description  High-Precision, Wide-Bandwidth e-trim Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA592 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA592 Datasheet HTML 6Page - Texas Instruments INA592 Datasheet HTML 7Page - Texas Instruments INA592 Datasheet HTML 8Page - Texas Instruments INA592 Datasheet HTML 9Page - Texas Instruments INA592 Datasheet HTML 10Page - Texas Instruments INA592 Datasheet HTML 11Page - Texas Instruments INA592 Datasheet HTML 12Page - Texas Instruments INA592 Datasheet HTML 13Page - Texas Instruments INA592 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
V
3
5
6
3
INA592
V
OUT = V3 – V2
2
R
3
Ref
R
1
R
2
R
4
V
2
12 kW
12 kW
6 kW
6 kW
R
L
1 µF
V–
4
1 µF
V+
7
1
Copyright © 2018, Texas Instruments Incorporated
10
INA592
SBOS914 – OCTOBER 2018
www.ti.com
Product Folder Links: INA592
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
Figure 9 shows the basic connections required for operation of the INA592. Connect power supply bypass
capacitors close to the device pins.
The differential input signal is connected to pins 2 and 3 as shown. The source impedances connected to the
inputs must be nearly equal to provide good common-mode rejection. An 8-Ohms mismatch in source
impedance degrades the common- mode rejection of a typical device to approximately 80 dB. Gain accuracy is
also slightly affected. If the source has a known impedance mismatch, an additional resistor in series with one
input can be used to preserve good common-mode rejection.
As shown in Figure 9, sense measurements at the load.
8.2 Typical Application
Figure 9. Basic Power Supply and Signal Connections
8.2.1 Design Requirements
For the application shown in Figure 9, the design requirements are:
• Gain of G = ½
• Offset of output voltage VoutOS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com