Electronic Components Datasheet Search
  English  ▼

X  

INA592 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA592
Description  High-Precision, Wide-Bandwidth e-trim Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA592 Datasheet(HTML) 4 Page - Texas Instruments

  INA592 Datasheet HTML 1Page - Texas Instruments INA592 Datasheet HTML 2Page - Texas Instruments INA592 Datasheet HTML 3Page - Texas Instruments INA592 Datasheet HTML 4Page - Texas Instruments INA592 Datasheet HTML 5Page - Texas Instruments INA592 Datasheet HTML 6Page - Texas Instruments INA592 Datasheet HTML 7Page - Texas Instruments INA592 Datasheet HTML 8Page - Texas Instruments INA592 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
INA592
SBOS914 – OCTOBER 2018
www.ti.com
Product Folder Links: INA592
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Theseare stress ratings
only, which do not imply functional operation of the device at these or anyother conditions beyond those indicated under Recommended
Operating Conditions . Exposure to absolute-maximum-rated conditions for extended periods mayaffect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, V+ to V–
36
V
Input voltage
±54
V
Output short circuit (to ground)
Continuous
Operating temperature
–55
125
°C
Junction temperature
–55
125
°C
Storage temperature, Tstg
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safemanufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safemanufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
4.5 (±2.25)
36 (±18)
V
Specified temperature
–40
125
°C
(1)
For more information about traditional and new thermalmetrics, see the Semiconductor and ICPackage Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
INA592
UNIT
DGK (VSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
158
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
48.6
°C/W
RθJB
Junction-to-board thermal resistance
78.7
°C/W
ψJT
Junction-to-top characterization parameter
3.9
°C/W
ψJB
Junction-to-board characterization parameter
77.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com