Electronic Components Datasheet Search
  English  ▼

X  

XC161CS-32F Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # XC161CS-32F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC161CS-32F Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button XC161CS-32F Datasheet HTML 61Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 62Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 63Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 64Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 65Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 66Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 67Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 68Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
XC161-32
Derivatives
Electrical Parameters
Data Sheet
63
V1.0, 2004-11
Figure 13
Equivalent Circuitry for Analog Inputs
3) The limit values for
fBC must not be exceeded when selecting the peripheral frequency and the ADCTC setting.
4) This parameter includes the sample time
tS, the time for determining the digital result and the time to load the
result register with the conversion result (
tSYS = 1/fSYS).
Values for the basic clock
tBC depend on programming and can be taken from Table 15.
When the post-calibration is switched off, the conversion time is reduced by 12 x
tBC.
5) The actual duration of the reset calibration depends on the noise on the reference signal. Conversions
executed during the reset calibration increase the calibration time. The TUE for those conversions may be
increased.
6) Not subject to production test - verified by design/characterization.
The given parameter values cover the complete operating range. Under relaxed operating conditions
(temperature, supply voltage) reduced values can be used for calculations. At room temperature and nominal
supply voltage the following typical values can be used:
CAINTtyp = 12 pF, CAINStyp = 7 pF, RAINtyp = 1.5 kΩ, CAREFTtyp = 15 pF, CAREFStyp = 13 pF, RAREFtyp = 0.7 kΩ.
A/D Converter
MCS05570
R
Source
V
AIN
C
Ext
C
AINT C AINS
-
R
AIN, On
C
AINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com