Electronic Components Datasheet Search
  English  ▼

X  

XC161CS-32F Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # XC161CS-32F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC161CS-32F Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button XC161CS-32F Datasheet HTML 70Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 71Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 72Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 73Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 74Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 75Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 76Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 77Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
XC161-32
Derivatives
Electrical Parameters
Data Sheet
72
V1.0, 2004-11
Variable Memory Cycles
External bus cycles of the XC161 are executed in five subsequent cycle phases (AB, C,
D, E, F). The duration of each cycle phase is programmable (via the TCONCSx
registers) to adapt the external bus cycles to the respective external module (memory,
peripheral, etc.).
The duration of the access phase can optionally be controlled by the external module via
the READY handshake input.
This table provides a summary of the phases and the respective choices for their
duration.
Note: The bandwidth of a parameter (minimum and maximum value) covers the whole
operating range (temperature, voltage) as well as process variations. Within a
given device, however, this bandwidth is smaller than the specified range. This is
also due to interdependencies between certain parameters. Some of these
interdependencies are described in additional notes (see standard timing).
Table 19
Programmable Bus Cycle Phases (see timing diagrams)
Bus Cycle Phase
Parameter Valid Values Unit
Address setup phase, the standard duration of this
phase (1 … 2 TCP) can be extended by 0 … 3 TCP
if the address window is changed
tp
AB
1 … 2 (5)
TCP
Command delay phase
tp
C
0 … 3
TCP
Write Data setup/MUX Tristate phase
tp
D
0 … 1
TCP
Access phase
tp
E
1 … 32
TCP
Address/Write Data hold phase
tp
F
0 … 3
TCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com