Electronic Components Datasheet Search
  English  ▼

X  

XC161CS-32F Datasheet(PDF) 75 Page - Infineon Technologies AG

Part # XC161CS-32F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC161CS-32F Datasheet(HTML) 75 Page - Infineon Technologies AG

Back Button XC161CS-32F Datasheet HTML 71Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 72Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 73Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 74Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 75Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 76Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 77Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 78Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
XC161-32
Derivatives
Electrical Parameters
Data Sheet
73
V1.0, 2004-11
Note: The shaded parameters have been verified by characterization.
They are not subject to production test.
Table 20
External Bus Cycle Timing (Operating Conditions apply)
Parameter
Symbol
Limits
Unit
Min.
Max.
Output valid delay for:
RD, WR(L/H)
tc
10
CC
115
ns
Output valid delay for:
BHE, ALE
tc
11
CC
-1
8
ns
Output valid delay for:
A23 … A16, A15 … A0 (on PORT1)
tc
12
CC
318
ns
Output valid delay for:
A15 … A0 (on PORT0)
tc
13
CC
318
ns
Output valid delay for:
CS
tc
14
CC
316
ns
Output valid delay for:
D15 … D0 (write data, MUX-mode)
tc
15
CC
319
ns
Output valid delay for:
D15 … D0 (write data, DEMUX-mode)
tc
16
CC
216
ns
Output hold time for:
RD, WR(L/H)
tc
20
CC
-3
4ns
Output hold time for:
BHE, ALE
tc
21
CC
0
11
ns
Output hold time for:
A23 … A16, A15 … A0 (on PORT0)
tc
23
CC
1
13
ns
Output hold time for:
CS
tc
24
CC
-2
4ns
Output hold time for:
D15 … D0 (write data)
tc
25
CC
1
13
ns
Input setup time for:
READY, D15 … D0 (read data)
tc
30
SR
29
–
ns
Input hold time
READY, D15 … D0 (read data)1)
tc
31
SR
-5
–
ns
1) Read data are latched with the same (internal) clock edge that triggers the address change and the rising edge
of RD. Therefore address changes before the end of RD have no impact on (demultiplexed) read cycles. Read
data can be removed after the rising edge of RD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com