Electronic Components Datasheet Search
  English  ▼

X  

AD9136BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9136BCPZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9136BCPZ Datasheet HTML 1Page - Analog Devices AD9136BCPZ Datasheet HTML 2Page - Analog Devices AD9136BCPZ Datasheet HTML 3Page - Analog Devices AD9136BCPZ Datasheet HTML 4Page - Analog Devices AD9136BCPZ Datasheet HTML 5Page - Analog Devices AD9136BCPZ Datasheet HTML 6Page - Analog Devices AD9136BCPZ Datasheet HTML 7Page - Analog Devices AD9136BCPZ Datasheet HTML 8Page - Analog Devices AD9136BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 5 of 117
SPECIFICATIONS
DC SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 1.
AD9135
AD9136
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
11
16
Bits
ACCURACY
With calibration
Differential Nonlinearity (DNL)
±0.175
±1.0
LSB
Integral Nonlinearity (INL)
±0.35
±2.0
LSB
MAIN DAC OUTPUTS
Gain Error
With internal reference
−2.5
+2
+5.5
−2.5
+2
+5.5
% FSR
I/Q Gain Mismatch
−0.6
+0.6
−0.6
+0.6
% FSR
Full-Scale Output Current
(IOUTFS)
Based on a 4 kΩ external resistor
between I120 and GND
Maximum Setting
25.5
27.0
28.6
25.5
27.0
28.6
mA
Minimum Setting
13.1
13.9
14.8
13.1
13.9
14.8
mA
Output Compliance Range
−250
+750
−250
+750
mV
Output Resistance
0.2
0.2
MΩ
Output Capacitance
3.0
3.0
pF
Gain DAC Monotonicity
Guaranteed
Guaranteed
Settling Time
To within ±0.5 LSB
20
20
ns
MAIN DAC TEMPERATURE DRIFT
Offset
0.04
0.04
ppm
Gain
32
32
ppm/°C
REFERENCE
Internal Reference Voltage
1.2
1.2
V
ANALOG SUPPLY VOLTAGES
AVDD33
3.13
3.3
3.47
3.13
3.3
3.47
V
PVDD12
1.14
1.2
1.26
1.14
1.2
1.26
V
CVDD12
1.14
1.2
1.26
1.14
1.2
1.26
V
DIGITAL SUPPLY VOLTAGES
SIOVDD33
3.13
3.3
3.47
3.13
3.3
3.47
V
VTT
1.1
1.2
1.37
1.1
1.2
1.37
V
DVDD12
1.2 V nominal supply voltage
1.14
1.2
1.26
1.14
1.2
1.26
V
1.3 V nominal supply voltage
1.274
1.3
1.326
1.274
1.3
1.326
V
SVDD12
1.2 V nominal supply voltage
1.14
1.2
1.26
1.14
1.2
1.26
V
1.3 V nominal supply voltage
1.274
1.3
1.326
1.274
1.3
1.326
V
IOVDD
1.71
1.8
3.47
1.71
1.8
3.47
V
POWER CONSUMPTION
1× Interpolation Mode,
JESD Mode 8, 8 SERDES Lanes
fDAC = 1.6 GSPS, IF = 40 MHz, PLL on,
digital gain on, inverse sinc on, DAC
full-scale current (IOUTFS) = 20 mA
1.42
1.74
1.42
1.74
W
AVDD33
68
73
68
73
mA
PVDD12
100
113.4
100
113.4
mA
CVDD12
101
112
101
112
mA
SVDD12
Includes VTT
554
665
554
665
mA
DVDD12
196
224
196
224
mA
SIOVDD33
11
12
11
12
mA
IOVDD
36
50
36
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com