Electronic Components Datasheet Search
  English  ▼

X  

AD9136BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9136BCPZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9136BCPZ Datasheet HTML 1Page - Analog Devices AD9136BCPZ Datasheet HTML 2Page - Analog Devices AD9136BCPZ Datasheet HTML 3Page - Analog Devices AD9136BCPZ Datasheet HTML 4Page - Analog Devices AD9136BCPZ Datasheet HTML 5Page - Analog Devices AD9136BCPZ Datasheet HTML 6Page - Analog Devices AD9136BCPZ Datasheet HTML 7Page - Analog Devices AD9136BCPZ Datasheet HTML 8Page - Analog Devices AD9136BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
Dual, 11-/16-Bit, 2.8 GSPS, TxDAC+®
Digital-to-Analog Converters
Data Sheet
AD9135/AD9136
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Support input data rate >2 GSPS
Proprietary low spurious and distortion design
SFDR = 82 dBc at dc IF, −9 dBFS
Flexible 8-lane JESD204B interface
Multiple chip synchronization
Fixed latency
Data generator latency compensation
Selectable 1×, 2×, 4×, or 8× interpolation filter
Low power architecture
Transmit enable function allows extra power saving and
instant control of the output status
High performance, low noise phase-locked loop (PLL) clock
multiplier
Digital inverse sinc filter
Low power: 1.42 W at 1.6 GSPS full operating conditions
88-lead LFCSP with exposed pad
APPLICATIONS
Wireless communications
3G/4G W-CDMA base stations
Wideband repeaters
Software defined radios
Wideband communications
Point to point
Local multipoint distribution service (LMDS) and
multichannel multipoint distribution service (MMDS)
Transmit diversity, multiple input/multiple output (MIMO)
Instrumentation
Automated test equipment
TYPICAL APPLICATION CIRCUIT
Figure 1.
GENERAL DESCRIPTION
The AD9135/AD9136 are dual, 11-/16-bit, high dynamic range
digital-to-analog converters (DACs) that provide a maximum
sample rate of 2800 MSPS, permitting a multicarrier generation
over a very wide bandwidth. The DAC outputs are optimized to
interface seamlessly with the ADRF6720, as well as other analog
quadrature modulators (AQMs) from Analog Devices, Inc. An
optional 3-wire or 4-wire serial port interface (SPI) provides for
programming/readback of many internal parameters. The full-
scale output current can be programmed over a typical range of
13.9 mA to 27.0 mA. The AD9135/AD9136 are available in an
88-lead LFCSP.
PRODUCT HIGHLIGHTS
1.
Greater than 2 GHz, ultrawide complex signal bandwidth
enables emerging wideband and multiband wireless
applications.
2.
Advanced low spurious and distortion design techniques
provide high quality synthesis of wideband signals from
baseband to high intermediate frequencies.
3.
JESD204B Subclass 1 support simplifies multichip
synchronization in software and hardware design.
4.
Fewer pins for data interface width with a serializer/
deserializer (SERDES) JESD204B eight-lane interface.
5.
Programmable transmit enable function allows easy design
balance between power consumption and wake-up time.
6.
Small package size with 12 mm × 12 mm footprint.
AD9135/
AD9136
QUAD MOD
ADRF6720
LPF
0°/90° PHASE
SHIFTER
JESD204B
SYSREF±
SYNCOUT0±
LO_IN
RF OUTPUT
MOD_SPI
DAC
DAC
SYNCOUT1±
DAC
SPI
CLK±


Similar Part No. - AD9136BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9139 AD-AD9139 Datasheet
1,018Kb / 56P
TxDAC Digital-to- Analog Converter
3/14-Rev. 0 to Rev. A
AD9139-DUAL-EBZ AD-AD9139-DUAL-EBZ Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9139-DUAL-EBZ AD-AD9139-DUAL-EBZ Datasheet
1,018Kb / 56P
TxDAC Digital-to- Analog Converter
3/14-Rev. 0 to Rev. A
AD9139-EBZ AD-AD9139-EBZ Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
More results

Similar Description - AD9136BCPZ

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HK12BGC-2 DATEL-DAC-HK12BGC-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMM-QL DATEL-DAC-HF12BMM-QL Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM-C DATEL-DAC-HF8BMM-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM DATEL-DAC-HF8BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com