Electronic Components Datasheet Search
  English  ▼

X  

AD9136BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9136BCPZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9136BCPZ Datasheet HTML 23Page - Analog Devices AD9136BCPZ Datasheet HTML 24Page - Analog Devices AD9136BCPZ Datasheet HTML 25Page - Analog Devices AD9136BCPZ Datasheet HTML 26Page - Analog Devices AD9136BCPZ Datasheet HTML 27Page - Analog Devices AD9136BCPZ Datasheet HTML 28Page - Analog Devices AD9136BCPZ Datasheet HTML 29Page - Analog Devices AD9136BCPZ Datasheet HTML 30Page - Analog Devices AD9136BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 27 of 117
STEP 2: DIGITAL DATAPATH
This section describes which interpolation filters to use and
how to set the data format being used. Additional digital
features are available, including digital gain scaling and an
inverse sinc filter used to improve pass-band flatness. Table 22
provides further details on the feature blocks available.
Table 18. Digital Datapath Settings
Addr.
Bit
No.
Value1
Variable
Description
0x112
0x
InterpMode
Select interpolation mode;
see the Interpolation section.
0x110
0x
7
DataFmt
DataFmt = 0 if twos
complement; DataFmt = 1
if unsigned binary.
1 0x denotes a register value that the user must fill in. See the Variable and
Description columns for information on selecting the appropriate register value.
STEP 3: TRANSPORT LAYER
This section describes how to set up the JESD204B links. The
parameters are determined by the desired JESD204B operating
mode. See the JESD204B Setup section for details.
Table 19 shows the register settings for the transport layer. If
using dual-link mode, perform writes from Register 0x300 to
Register 0x47D with CurrentLink = 0 and then repeat the same
set of register writes with CurrentLink = 1 (Register 0x200 and
Register 0x201 need only be written once).
Table 19. Transport Layer Settings
Addr.
Bit
No.
Value1
Variable
Description
0x200
0x00
Power up the interface.
0x201
0x
UnusedLanes
See the JESD204B
Setup section.
0x300
0x
6
CheckSumMode
See the JESD204B
Setup section.
3
DualLink
See the JESD204B
Setup section.
2
CurrentLink
See the JESD204B
Setup section.
0x450
0x
DID
Set DID to match the
device ID sent by the
transmitter.
0x451
0x
BID
Set BID to match the
bank ID sent by the
transmitter.
0x452
0x
LID
Set LID to match the
lane ID sent by the
transmitter.
0x453
0x
7
Scrambling
See the JESD204B
Setup section.
[4:0]
L − 12
See the JESD204B
Setup section.
0x454
0x
F − 12
See the JESD204B
Setup section.
0x455
0x
K − 12
See the JESD204B
Setup section.
0x456
0x
M − 12
See the JESD204B
Setup section.
0x457
0x
N − 12
N = 16.
0x458
0x
[7:5]
Subclass
See the JESD204B
Setup section.
[4:0]
NP − 12
NP = 16.
0x459
0x
[7:5]
JESDVer
JESDVer = 1 for
JESD204B, JESDVer = 0
for JESD204A.
[4:0]
S − 12
See the JESD204B
Setup section.
0x45A
0x
7
HD
See the JESD204B
Setup section.
[4:0]
0
CF
CF must equal 0.
0x45D
0x
Lane0Checksum
See the JESD204B
Setup section.
0x46C
0x
Lanes
Deskew lanes. See the
JESD204B Setup
section.
0x476
0x
F
See the JESD204B
Setup section.
0x47D
0x
Lanes
Enable lanes. See the
JESD204B Setup
section.
1 0x denotes a register value that the user must fill in. See the Variable and
Description columns for information on selecting the correct register value.
2 This JESD204B link parameter is programmed in n − 1 notation as noted. For
example, if the setup requires L = 8 (8 lanes per link), program L − 1 or 7 into
Register 0x453[4:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com