Electronic Components Datasheet Search
  English  ▼

X  

AD9136BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9136BCPZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9136BCPZ Datasheet HTML 3Page - Analog Devices AD9136BCPZ Datasheet HTML 4Page - Analog Devices AD9136BCPZ Datasheet HTML 5Page - Analog Devices AD9136BCPZ Datasheet HTML 6Page - Analog Devices AD9136BCPZ Datasheet HTML 7Page - Analog Devices AD9136BCPZ Datasheet HTML 8Page - Analog Devices AD9136BCPZ Datasheet HTML 9Page - Analog Devices AD9136BCPZ Datasheet HTML 10Page - Analog Devices AD9136BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 7 of 117
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SDO to SCLK
Data Valid Window
tDV
25
ns
CS to SCLK
Setup Time
tSCS
5
ns
Hold Time
tHCS
2
ns
1 See Table 3 for detailed specifications for DAC update rate conditions.
2 The maximum speed for 1× and 2× interpolation is limited by the JESD204B interface with increased supply levels. See Table 4 for details.
3 The maximum speed for 4× and 8× interpolation is limited by the DAC core. See Table 4 for details.
4 See Table 4 for detailed specifications for JESD204B speed conditions.
5 REFCLK is the reference clock.
6 K, F, and S are JESD204B transport layer parameters. See Table 43 for the full definitions.
7 See Table 5 for detailed specifications for SYSREF signal to DAC clock timing conditions.
MAXIMUM DAC UPDATE RATE SPEED SPECIFICATIONS BY SUPPLY
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
MAXIMUM DAC UPDATE RATE
2×, 4×, and 8× Interpolation
DVDD12, CVDD12 = 1.2 V ± 5%
2.23
GSPS
DVDD12, CVDD12 = 1.2 V ± 2%
2.41
GSPS
DVDD12, CVDD12 = 1.3 V ± 2%
2.80
GSPS
1× Interpolation
DVDD12, CVDD12 = 1.2 V ± 5%
1.81
GSPS
DVDD12, CVDD12 = 1.2 V ± 2%
1.93
GSPS
DVDD12, CVDD12 = 1.3 V ± 2%
2.21
GSPS
JESD204B SERIAL INTERFACE SPEED SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
HALF RATE
SVDD12 = 1.2 V ± 5%
5.75
11.4
Gbps
SVDD12 = 1.2 V ± 2%
5.75
12.0
Gbps
SVDD12 = 1.3 V ± 2%
5.75
12.4
Gbps
FULL RATE
SVDD12 = 1.2 V ± 5%
2.88
5.98
Gbps
SVDD12 = 1.2 V ± 2%
2.88
6.06
Gbps
SVDD12 = 1.3 V ± 2%
2.88
6.2
Gbps
OVERSAMPLING
SVDD12 = 1.2 V ± 5%
1.44
3.0
Gbps
SVDD12 = 1.2 V ± 2%
1.44
3.04
Gbps
SVDD12 = 1.3 V ± 2%
1.44
3.1
Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com