Electronic Components Datasheet Search
  English  ▼

X  

AD9136BCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9136BCPZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136BCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9136BCPZ Datasheet HTML 45Page - Analog Devices AD9136BCPZ Datasheet HTML 46Page - Analog Devices AD9136BCPZ Datasheet HTML 47Page - Analog Devices AD9136BCPZ Datasheet HTML 48Page - Analog Devices AD9136BCPZ Datasheet HTML 49Page - Analog Devices AD9136BCPZ Datasheet HTML 50Page - Analog Devices AD9136BCPZ Datasheet HTML 51Page - Analog Devices AD9136BCPZ Datasheet HTML 52Page - Analog Devices AD9136BCPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 49 of 117
Table 45. Single-Link and Dual-Link JESD204B Operating Modes
Mode
Parameter
81
9
10
M (Converter Count)
1
1
1
L (Lane Count)
4
2
1
S (Samples per Converter per Frame)
2
1
1
F (Octets per Frame per Lane)
1
1
2
K2 (Frames per Multiframe)
32
32
16 or 32
HD (High Density)
1
1
0
N (Converter Resolution)
16
16
16
NP (Bits per Sample)
16
16
16
Example Clocks for 10 Gbps Lane Rate
PClock Rate (MHz)
250
250
250
Frame Clock Rate (MHz)
250
1000
500
Data Rate (MHz)
250
1000
500
1 Mode 8 can only be used with 1× interpolation. Other interpolation options are not available in this mode.
2 K must be 32 in Mode 8 and Mode 9. It can be 16 or 32 in Mode 10.
Table 46. Single-Link JESD204B Operating Modes
Mode
Parameter
111
12
13
M (Converter Count)
2
2
2
AD9135/AD9136 M Setting2
1
1
1
L (Lane Count)
8
4
2
AD9135/AD9136 L Setting2
4
2
1
S (Samples per Converter per Frame)
2
1
1
F (Octets per Frame, per Lane)
1
1
2
K3 (Frames per Multiframe)
32
32
16 or 32
HD (High Density)
1
1
0
N (Converter Resolution)
16
16
16
NP (Bits per Sample)
16
16
16
Example Clocks for 10 Gbps Lane Rate
PClock Rate (MHz)
250
250
250
Frame Clock Rate (MHz)
250
250
1000
Data Rate (MHz)
250
250
1000
1 Mode 11 can only be used with 1× interpolation. Other interpolation options are not available in this mode.
2 Note that for Mode 11 through Mode 13, the M and L parameters programmed on the receive side do not match the parameters on the transmit side. The parameters
on the transmit side reflect the true number of converters and lanes per link.
3 K must be 32 in Mode 11 and Mode 12. It can be 16 or 32 in Mode 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com