Electronic Components Datasheet Search
  English  ▼

X  

AD9171 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9171
Description  RF DAC with Single Channelizer
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9171 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9171 Datasheet HTML 28Page - Analog Devices AD9171 Datasheet HTML 29Page - Analog Devices AD9171 Datasheet HTML 30Page - Analog Devices AD9171 Datasheet HTML 31Page - Analog Devices AD9171 Datasheet HTML 32Page - Analog Devices AD9171 Datasheet HTML 33Page - Analog Devices AD9171 Datasheet HTML 34Page - Analog Devices AD9171 Datasheet HTML 35Page - Analog Devices AD9171 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 133 page
background image
AD9171
Data Sheet
Rev. 0 | Page 32 of 133
FRAME CLOCK
LMFC
PCLK
DATA
DATA AT Tx FRAMER
ILAS
LMFCRX
TOTAL FIXED LATENCY = 30 PCLK CYCLES
LMFC DELAY = 26 FRAME CLOCK CYCLES
PCB FIXED
DELAY
DATA
ALIGNED LANE DATA
AT Rx DEFRAMER OUTPUT
ILAS
TOTAL VARIABLE
LATENCY = 4
PCLK CYCLES
Tx VAR
DELAY
Rx VAR
DELAY
Figure 40. LMFC Delay Calculation Example
111B
Link Delay Setup Example, with Known Delays
All the known system delays can be used to calculate LMFCVar
and LMFCDel.
The example shown in Figure 63 is demonstrated in the following
steps. Note that this example is in Subclass 1 to achieve determinis-
tic latency, and the example uses the case for F = 2; therefore, the
number of PCLK cycles per multiframe = 16. Because PCBFixed
<< PCLK Period, PCBFixed is negligible in this example and
not included in the calculations.
1.
Find the receiver delays using Table 6.
RxFixed = 13 PCLK cycles
RxVar = 2 PCLK cycles
2.
Find the transmitter delays. The equivalent table in the
example JESD204B core (implemented on a GTH or GTX
gigabit transceiver on a Virtex-6 field programmable gate
array (FPGA)) states that the delay is 56 ± 2 byte clock
cycles.
3.
Because the PCLK rate = ByteRate/4 as described in the
Clock Relationships section, the transmitter delays in
PCLK cycles are calculated as follows:
TxFixed = 54/4 = 13.5 PCLK cycles
TxVar = 4/4 = 1 PCLK cycle
4.
Calculate MinDelayLane as follows:
MinDelayLane = floor(RxFixed + TxFixed + PCBFixed)
= floor(13 + 13.5 + 0)
= floor(26.5)
MinDelayLane = 26
5.
Calculate MaxDelayLane as follows:
MaxDelayLane = ceiling(RxFixed + RxVar + TxFixed +
TxVar + PCBFixed))
= ceiling(13 + 2 + 13.5 + 1 + 0)
= ceiling(29.5)
MaxDelayLane = 30
6.
Calculate LMFCVar as follows:
LMFCVar = (MaxDelay + 1) − (MinDelay − 1)
= (30 + 1) − (26 − 1) = 31 − 25
LMFCVar = 6 PCLK cycles
7.
Calculate LMFCDel as follows:
LMFCDel = (MinDelay − 1) % (PCLKsperMF)
= ((26 − 1)) % 16
= 25 % 16
LMFCDel = 9 PCLK cycles
Write LMFCDel to Register 0x304 for all devices in the
system. Write LMFCVar to Register 0x306 for all devices in
the system.
112B
Link Delay Setup Example, Without Known Delay
If the system delays are not known, the AD9171 can read back
the link latency between LMFCRX for each link (with the
LMFCDel setting subtracted out) and the SYSREF± aligned
LMFC. This information is then used to calculate LMFCVar
and LMFCDel.
Figure 65 shows how DYN_LINK_LATENCY_0 (Register 0x302)
provides a readback showing the delay (in PCLK cycles) between
LMFCRX minus the LMFC_DELAY_x (fixed delay) setting set in
the SPI at that time and the transition from the ILAS to the first
data sample. By repeatedly power cycling and taking this measure-
ment, the minimum and maximum delays across power cycles
can be determined and used to calculate LMFCVar and
LMFCDel.
In Figure 65, for Link A, Link B, and Link C, the system
containing the AD9171 (including the transmitter) is power
cycled and configured 20 times. The AD9171 is configured as
described in the Sync Procedure section. Because the purpose
of this exercise is to determine LMFCDel and LMFCVar, the
LMFCDel value is programmed to 0 and the DYN_LINK_
LATENCY_0 value is read from Register 0x302. The variation
in the link latency over the 20 runs is shown in Figure 65,
described as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com