Electronic Components Datasheet Search
  English  ▼

X  

AD9171 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9171
Description  RF DAC with Single Channelizer
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9171 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9171 Datasheet HTML 12Page - Analog Devices AD9171 Datasheet HTML 13Page - Analog Devices AD9171 Datasheet HTML 14Page - Analog Devices AD9171 Datasheet HTML 15Page - Analog Devices AD9171 Datasheet HTML 16Page - Analog Devices AD9171 Datasheet HTML 17Page - Analog Devices AD9171 Datasheet HTML 18Page - Analog Devices AD9171 Datasheet HTML 19Page - Analog Devices AD9171 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 133 page
background image
AD9171
Data Sheet
Rev. 0 | Page 16 of 133
–170
–165
–160
–155
–150
–145
–140
–135
–130
0
500
1000
1500
2000
2500
fOUT (MHz)
Figure 9. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT,
fDAC = 5.89824 GHz, 16-Bit Resolution, Shuffle On
–170
–165
–160
–155
–150
–145
–140
–135
–130
0
500
1000
1500
2000
2500
fOUT (MHz)
Figure 10. Single-Tone NSD Measured at 70 MHz vs. fOUT,
fDAC = 5.89824 GHz,12-Bit Resolution, Shuffle On
–170
–165
–160
–155
–150
–145
–140
–135
–130
0
500
1000
1500
2000
2500
fOUT (MHz)
Figure 11. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT,
fDAC = 5.89824 GHz, 12-Bit Resolution, Shuffle On
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
OFFSET OVER
fOUT (Hz)
125MHz
250MHz
375MHz
500MHz
100
10
1k
10k
100k
1M
10M
100M
Figure 12. Single-Sideband (SSB) Phase Noise vs. Offset over fOUT, over PFD
Frequency, fDAC = 6 GHz, fOUT = 1.8 GHz, PLL On, PLL Reference Clock = PFD
Frequency
–1
0
1
2
3
4
5
6
0
10000
20000
30000
40000
50000
60000
70000
CODE
DAC1
DAC0
Figure 13. DNL, IOUTFS = 26 mA, 16-Bit Resolution
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
10000
20000
30000
40000
50000
60000
70000
CODE
DAC1
DAC0
Figure 14. INL, IOUTFS = 26 mA, 16-Bit Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com