Electronic Components Datasheet Search
  English  ▼

X  

AD9171 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9171
Description  RF DAC with Single Channelizer
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9171 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9171 Datasheet HTML 25Page - Analog Devices AD9171 Datasheet HTML 26Page - Analog Devices AD9171 Datasheet HTML 27Page - Analog Devices AD9171 Datasheet HTML 28Page - Analog Devices AD9171 Datasheet HTML 29Page - Analog Devices AD9171 Datasheet HTML 30Page - Analog Devices AD9171 Datasheet HTML 31Page - Analog Devices AD9171 Datasheet HTML 32Page - Analog Devices AD9171 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 133 page
background image
Data Sheet
AD9171
Rev. 0 | Page 29 of 133
40B
SYNCING LMFC SIGNALS
The AD9171 requires a synchronization (sync) to align the
LMFC and other internal clocks before the SERDES links are
brought online. The synchronization is a one-shot sync, where
the synchronization process begins on the next edge of the
alignment signal following the assertion of the SYSREF_MODE_
ONESHOT control in Register 0x03A, Bit 1.
In Subclass 1, the SYSREF± rising edge acts as the alignment edge;
in Subclass 0, an internal processing clock acts as the alignment
edge. When a sync has completed, the SYNC_ROTATION_
DONE (Register 0x03A, Bit 4) bit is asserted and remains
asserted until another sync is requested.
After a synchronization occurs, the JESD204B link can be
enabled. In Subclass 1, the latency of the JESD204B system is
deterministic and allows synchronization across multiple
devices, if desired.
68B
SYSREF± Signal
The SYSREF± signal is a differential source synchronous input
that synchronizes the LMFC signals in both the transmitter and
receiver in a JESD204B Subclass 1 system to achieve deterministic
latency.
The SYSREF± signal is a rising edge sensitive signal that is
sampled by the device clock rising edge. It is best practice that
the device clock and SYSREF± signals be generated by the same
source, such as the HMC7044 clock generator, so that the phase
alignment between the signals is fixed. When designing for
optimum deterministic latency operation, consider the timing
distribution skew of the SYSREF± signal in a multipoint link
system (multichip).
The AD9171 supports a periodic SYSREF± signal. The periodicity
can be continuous, strobed, or gapped periodic. The SYSREF±
signal can be dc-coupled with a common-mode voltage of 0.6 V
to 2.2 V and differential swing of 200 mV p-p to 1 V p-p. When dc-
coupled, a small amount of common-mode current (up to 0.3 mA)
is drawn from the SYSREF± pins. See Figure 58 and Figure 59 for
the SYSREF± internal circuit for dc-coupled and ac-coupled
configurations. Ensure that the SYSREF_INPUTMODE bit
(Register 0x084, Bit 6) is set to 1, dc-coupled, to prevent
overstress on the SYSREF± receiver pins.
10.3kΩ
240F
DC SYSREF± MODE
104Ω
SYSREF–
SYSREF+
104Ω
100Ω
240F
10.3kΩ
130kΩ
130kΩ
VCM
Figure 35. DC-Coupled SYSREF± Receiver Circuitry
10.3kΩ
240F
AC SYSREF± MODE
104Ω
SYSREF–
SYSREF+
104Ω
100Ω
240F
10.3kΩ
130kΩ
130kΩ
VCM
Figure 36. AC-Coupled SYSREF± Receiver Circuitry
To avoid this common-mode current draw, the SYSREF± receiver
can be ac-coupled using a 50% duty cycle periodic SYSREF±
signal with ac coupling capacitors. If ac-coupled, the ac coupling
capacitors combine with the resistors shown in Figure 59 to
make a high-pass filter with an RC time constant of τ = RC.
Select C such that τ > 4/SYSREF± frequency. In addition, the
edge rate must be sufficiently fast to allow SYSREF± sampling
clocks to correctly sample the rising SYSREF± edge before the
next sample clock.
When ac coupling the SYSREF± inputs, ensure that the
SYSREF_INPUTMODE bit (Register 0x084, Bit 6) is set to 0,
ac-coupled, to enable the internal receiver biasing circuitry and
prevent overstress on the SYSREF± receiver pins. AC coupling
allows a differential voltage swing from 200 mV to 1 V on the
SYSREF± pins.
69B
SYSREF± Sampling
The SYSREF± signal is sampled by a divide by 4 version of the
DAC clock. Thus, the minimum pulse width of the SYSREF±
signal must exceed four DAC clock periods to ensure accurate
sampling. The timing between the SYSREF± and DAC clock
input signal does not need to be timing constrained and the
amount of deterministic latency variation in Subclass 1 is within
±2.5 DAC clock cycles at 6 GHz.
By default, the first SYSREF± rising edge at the SYSREF± inputs
detected after asserting the SYSREF_MODE_ONESHOT bit
(Register 0x03A, Bit 1) begins the sync and aligns the internal
LMFC signal with the sampled SYSREF± edge.
Register 0x036 (SYSREF_COUNT) indicates how many captured
SYSREF± edges are ignored after the SYSREF_MODE_ONESHOT
bit is asserted before the synchronization takes place. For example,
if SYSREF_COUNT is set to 3, the AD9171 does not sync after
the SYSREF_MODE_ONESHOT bit is asserted until the arrival
of the fourth SYSREF± edge.
70B
SYSREF± Jitter IRQ
In Subclass 1, after the one-shot synchronization occurs, the
SYSREF± signal is monitored to ensure that the subsequent
SYSREF± edges do not deviate from the internal LMFC clock
by more than a target amount.
Register 0x039 (SYSREF_ERR_WINDOW) indicates the size of
the error window allowed, in DAC clock units. If a SYSREF±
edge varies from the internal LMFC clock by more than the
number of DAC clock units set in SYSREF_ERR_WINDOW,
the IRQ_SYSREF_JITTER is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com