Electronic Components Datasheet Search
  English  ▼

X  

AD9171 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9171
Description  RF DAC with Single Channelizer
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9171 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9171 Datasheet HTML 36Page - Analog Devices AD9171 Datasheet HTML 37Page - Analog Devices AD9171 Datasheet HTML 38Page - Analog Devices AD9171 Datasheet HTML 39Page - Analog Devices AD9171 Datasheet HTML 40Page - Analog Devices AD9171 Datasheet HTML 41Page - Analog Devices AD9171 Datasheet HTML 42Page - Analog Devices AD9171 Datasheet HTML 43Page - Analog Devices AD9171 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 133 page
background image
AD9171
Data Sheet
Rev. 0 | Page 40 of 133
9B
DIGITAL DATAPATH
The full digital datapath of the AD9171 consists of channel
datapaths that are bypassable, as well as a main DAC datapath
leading up to the analog DAC core. There is a variety of
different digital feature blocks available within each of the
channel and main DAC datapaths.
44B
TOTAL DATAPATH INTERPOLATION
The AD9171 contains two separate blocks of interpolation: one
located in each of the channelizer datapaths, and a second
interpolation stage located in the main DAC datapath. The total
interpolation for the chip can be determined by multiplying the
channel interpolation factor by the main datapath interpolation
factor. The relationship between the DAC sample rate and input
data rate is shown in the following equation:
TotalInterpolation = (ChannelInterpolation ×
MainInterpolation)
fDATA = fDAC / (ChannelInterpolation × MainInterpolation)
Each of the various cascaded half-band filters has 80% signal
bandwidth capabilities. Therefore, if using interpolation (not
bypass or 1× total interpolation for both channel and main
datapaths), the available signal bandwidth (BW) with respect to
the input data rate is calculated as follows:
SignalBW = 0.8 × (fDATA/2)
(TotalInterpolation > 1)
SignalBW = (fDATA/2)
(TotalInterpolation = 1)
The interpolation values are programmed as shown in Table 34.
Table 29. Interpolation Factor Register Settings
Interpolation
Factor
Main Datapath,
Register 0x111,
Bits[7:4]
Channel Datapath,
Register 0x111,
Bits[3:0]
2×
Not applicable
0x2
3×
Not applicable
0x3
4×
Not applicable
0x4
6×
0x6
0x6
8×
0x8
Not applicable
Table 30. Interpolation Modes and Useable Bandwidth
Total Interpolation
Available Signal
Bandwidth
fDATA
12×, 16×, 18×, 24×,
32×, 36×, 48×, 64×
80% × fDATA /2
fDAC/total interpolation
84B
Filter Performance
The interpolation filters interpolate between existing data in
such a way that they minimize changes in the incoming data
while suppressing the creation of interpolation images.
The usable bandwidth, as shown in Table 35 is defined as the
frequency band over which the filters have a pass-band ripple of
less than ±0.001 dB and an image rejection of greater than 85 dB.
The maximum pass-band amplitude of all filters is the same;
they are different in the illustration to improve understanding.
FREQUENCY (MHz)
12×
16×
18×
24×
32×
36×
48×
64×
Figure 44. Band Responses of Total Interpolation Rates for 8×, 12×, 16×, 18×,
24×, 32×, 36×, 48×, and 64× at a 6 GHz DAC Rate, 16-Bit
85B
NCO Only Mode
The AD9171 is capable of operating in a mode with only the
NCO enabled. In this mode, a single-tone sine wave is
generated using a programmable internal dc amplitude level
that is injected into the NCO block to modulate the data into a
single tone. This internal dc level is injected into either the
channel or main datapaths through various controls, as shown
in Figure 69. Mode 3 can be used to generate a single-channel
NCO only mode of operation. It is not necessary to bring up the
JESD204B link in this mode. This mode is a useful option to bring
up a transmitter radio signal chain without requiring a digital
data source, because the device generates the NCO data
internally.
This mode can also be used in applications where a sine wave is
all that is required, such as in a local oscillator application.
There is an additional optional calibration NCO block that can
be used as part of the initial system calibration without needing
to reprogram the final main datapath NCO to the final system
configuration. This feature is discussed in more detail in the
Calibration NCO section.
When the NCO test mode is enabled, the data source of the
digital datapath is the dc test data word, meaning that the
JESD204B link can be brought up and data can be transferred
to the device over the link, but the data is not presented to the
DAC when in this test mode. Connection to the SERDES data
source is only achieved by disabling this test mode. The SPI
control bit for this test mode can be set on the fly, but because
disabling the mode and switching to the SERDES datapath
normally requires the lanes and/or interpolation mode to also
be set, on the fly setting or resetting of the NCO only mode
control bit is normally not practical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com