Electronic Components Datasheet Search
  English  ▼

X  

LTC2000A Datasheet(PDF) 6 Page - Analog Devices

Part # LTC2000A
Description  2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000A Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC2000A Datasheet HTML 2Page - Analog Devices LTC2000A Datasheet HTML 3Page - Analog Devices LTC2000A Datasheet HTML 4Page - Analog Devices LTC2000A Datasheet HTML 5Page - Analog Devices LTC2000A Datasheet HTML 6Page - Analog Devices LTC2000A Datasheet HTML 7Page - Analog Devices LTC2000A Datasheet HTML 8Page - Analog Devices LTC2000A Datasheet HTML 9Page - Analog Devices LTC2000A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
LTC2000A
6
2000afb
For more information www.linear.com/LTC2000A
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AVDD18, DVDD18 = 1.8V to 1.92V, AVDD33, DVDD33 = 3.135V to 3.465V,
SVDD = 1.71V to 3.465V, RFSADJ = 500Ω, 12.5Ω load from IOUTP/N to GND including internal 50Ω termination, unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NSD
Noise Spectral Density
0dBFS Single Tone, fDAC = 2.7Gsps,
IOUTFS = 40mA
LTC2000A-16, fOUT = 100MHz
LTC2000A-16, fOUT = 350MHz
LTC2000A-16, fOUT = 550MHz
LTC2000A-16, fOUT = 950MHz
–164
–158
–155
–153
dBm/Hz
dBm/Hz
dBm/Hz
dBm/Hz
LTC2000A-14, fOUT = 100MHz
LTC2000A-14, fOUT = 350MHz
LTC2000A-14, fOUT = 550MHz
LTC2000A-14, fOUT = 950MHz
–163
–158
–155
–153
dBm/Hz
dBm/Hz
dBm/Hz
dBm/Hz
LTC2000A-11, fOUT = 100MHz
LTC2000A-11, fOUT = 350MHz
LTC2000A-11, fOUT = 550MHz
LTC2000A-11, fOUT = 950MHz
–156
–154
–153
–150
dBm/Hz
dBm/Hz
dBm/Hz
dBm/Hz
Phase Noise
fDAC = 2.7Gsps, fOUT = 65MHz
0dBFS Single Tone, IOUTFS = 40mA
10kHz Offset
1MHz Offset
–141
–156
dBc/Hz
dBc/Hz
WCDMA
ACLR
WCDMA ACLR (Single Carrier)
Adjacent/Alternate Adjacent Channel
fDAC = 2.7Gsps, fOUT = 350MHz
fDAC = 2.7Gsps, fOUT = 950MHz
78/79
72/75
dBc
dBc
Latency
Latency (Note 5)
Single-Port Mode
Dual-Port Mode, DAP/N Data
Dual-Port Mode, DBP/N Data
7.5
10
11
Cycles
Cycles
Cycles
Aperture Delay
CKP/N Rising to IOUTP/N Transition
3
ns
Settling Time
±0.1% FSR, Full-Scale Step
2.2
ns
Reference
Output Voltage
l
1.225
1.25
1.275
V
Input Voltage
l
1.1
1.4
V
Reference Temperature Coefficient
±25
ppm/°C
Output Impedance
10
kΩ
DAC Clock Inputs (CKP, CKN)
Differential Input Voltage Range
l
±0.3
±1.8
V
Common-Mode Input Voltage
Set Internally
1
V
Sampling Clock Frequency
l
50
2700
MHz
Input Impedance
5
kΩ
LVDS Inputs (DCKIP, DCKIN, DAP/N, DBP/N)
Differential Input Voltage Range
l
±0.2
±0.6
V
Common-Mode Voltage Range
l
0.4
1.8
V
Differential Input Impedance
l
95
120
145
Ω
Maximum Data Rate
l
1350
Mbps
LVDS Clock Frequency
l
25
675
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com