Electronic Components Datasheet Search
  English  ▼

X  

LTC2000A Datasheet(PDF) 1 Page - Analog Devices

Part # LTC2000A
Description  2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000A Datasheet(HTML) 1 Page - Analog Devices

  LTC2000A Datasheet HTML 1Page - Analog Devices LTC2000A Datasheet HTML 2Page - Analog Devices LTC2000A Datasheet HTML 3Page - Analog Devices LTC2000A Datasheet HTML 4Page - Analog Devices LTC2000A Datasheet HTML 5Page - Analog Devices LTC2000A Datasheet HTML 6Page - Analog Devices LTC2000A Datasheet HTML 7Page - Analog Devices LTC2000A Datasheet HTML 8Page - Analog Devices LTC2000A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
LTC2000A
1
2000afb
For more information www.linear.com/LTC2000A
BLOCK DIAGRAM
FEATURES
DESCRIPTION
16-/14-/11-Bit 2.7Gsps
DACs
The LTC®2000A is a family of 16-/14-/11-bit 2.7Gsps
current steering DACs with exceptional spectral purity.
The single (1.35Gsps mode) or dual (2.7Gsps mode) port
source synchronous LVDS interface supports data rates of
up to 1.35Gbps using a 675MHz DDR data clock, which
can be either in quadrature or in phase with the data. An
internal synchronizer automatically aligns the data with
the DAC sample clock.
Additional features such as pattern generation, LVDS
loopout and junction temperature sensing simplify system
development and testing.
A serial peripheral interface (SPI) port allows configura-
tion and read back of internal registers. Operating from
1.86V and 3.3V supplies, the LTC2000A consumes 2.41W
at 2.7Gsps and 1.43W at 1.35Gsps.
APPLICATIONS
n
80dBc SFDR at 50MHz fOUT
n
>68dBc SFDR from DC to 1080MHz fOUT
n
40mA Nominal Full-Scale, ±1V Output Compliant
n
10mA to 60mA Adjustable Full-Scale Current Range
n
Single or Dual Port DDR LVDS and DHSTL Interface
n
Low Latency (7.5 Cycles for Single Port,
11 Cycles for Dual Port)
n
>78dBc 2-Tone IMD from DC to 1000MHz fOUT
n
–156dBc/Hz Additive Phase Noise at 1MHz Offset for
65MHz fOUT
n
170-Lead (9mm × 15mm) BGA Package
n
Broadband Communication Systems
n
DOCSIS CMTS
n
Direct RF Synthesis
n
Radar
n
Instrumentation
n
Automatic Test Equipment
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 8330633.
4:1
TSTP/N
PD
CS
SCK SDI
SDO
SVDD
50Ω
IOUTP
IOUTN
FSADJ
REFIO
50Ω
10k
2000A BD
CKP/N
GND
DVDD33
DVDD18
AVDD33
AVDD18
GAIN
ADJUST
CLOCK
SYNC
CLK
RECEIVER
DELAY
ADJUST
DCKOP/N
DCKIP/N
DBP/N[15:0]
DAP/N[15:0]
CLK DIVIDER
÷2 OR ÷4
REF
SPI
PATTERN
GENERATOR
JUNCTION
TEMPERATURE
16-BIT DAC
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000A TA01b
1000 1200
DIGITAL AMPLITUDE = 0dBFS
IOUTFS = 40mA
SFDR vs fOUT, fDAC = 2.7Gsps


Similar Part No. - LTC2000A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.7Gsps DACs
More results

Similar Description - LTC2000A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
14-Bit Multiplying DACs
logo
NXP Semiconductors
SAA9060 PHILIPS-SAA9060 Datasheet
630Kb / 14P
Video processor with DACs
July 1989
logo
Analog Devices
MT-017 AD-MT-017 Datasheet
158Kb / 7P
Oversampling Interpolating DACs
Rev.A, 10/08, WK
logo
Linear Technology
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
AD1937 AD-AD1937_17 Datasheet
435Kb / 37P
Four ADCs/Eight DACs
REV.B
logo
Linear Technology
LTC2000 LINER-LTC2000 Datasheet
892Kb / 14P
16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
AD9734 AD-AD9734_17 Datasheet
1Mb / 72P
1200 MSPS DACS
6/2017-Rev. A to Rev. B
AD5304 AD-AD5304_17 Datasheet
607Kb / 24P
Quad Voltage Output DACs
5/2017-Rev. H to Rev. I
AD5424 AD-AD5424_16 Datasheet
700Kb / 28P
High Bandwidth Multiplying DACs
1/16-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com