Electronic Components Datasheet Search
  English  ▼

X  

LTC2000A Datasheet(PDF) 25 Page - Analog Devices

Part # LTC2000A
Description  2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000A Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC2000A Datasheet HTML 21Page - Analog Devices LTC2000A Datasheet HTML 22Page - Analog Devices LTC2000A Datasheet HTML 23Page - Analog Devices LTC2000A Datasheet HTML 24Page - Analog Devices LTC2000A Datasheet HTML 25Page - Analog Devices LTC2000A Datasheet HTML 26Page - Analog Devices LTC2000A Datasheet HTML 27Page - Analog Devices LTC2000A Datasheet HTML 28Page - Analog Devices LTC2000A Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
LTC2000A
25
2000afb
For more information www.linear.com/LTC2000A
OPERATION
Table 2. Full-Scale Gain Adjustment
ADDRESS
BIT
NAME
DESCRIPTION
0x09
[5:0]
GAIN_ADJ
GAIN_ADJ (HEX)
GAIN_ADJ (DECIMAL)
GAIN ADJUSTMENT
FULL-SCALE CURRENT
(RFSADJ = 500Ω, VREFIO = 1.25V)
0x1F
+31
89.2%
35.68mA
0x1E
+30
89.5%
35.80mA
—
—
—
—
0x01
+1
99.6%
39.84mA
0x00
0
100.0%
40.00mA
0x3F
–1
100.4%
40.16mA
—
—
—
—
0x21
–31
113.8%
45.51mA
0x20
–32
114.3%
45.71mA
Note: Register 0x09 resets to 0x00 (default).
DAC Transfer Function
The LTC2000A contains an array of current sources
that are steered through differential switches to either
IOUTP or IOUTN, depending on the DAC code programmed
through the LVDS parallel interface. The LTC2000A uses a
16-/14-/11-bit two’s complement DAC code. The comple-
mentary current outputs, IOUTP and IOUTN, source current
from 0mA to IOUTFS. For IOUTFS = 40mA (nominal), IOUTP
swings from 0mA (for zero-scale DAC code) to 40mA (for
full-scale DAC code). IOUTN is complementary to IOUTP.
When the DAC code is set to mid-scale (all zeros), IOUTFS
is evenly divided between IOUTP and IOUTN. IOUTP and IOUTN
are given by the following formulas:
LTC2000A-16:
IOUTP = IOUTFS • (CODE + 32768)/65536 + IOUTCM
IOUTN = IOUTFS • (32768 – CODE – 1)/65536 + IOUTCM
LTC2000A-14:
IOUTP = IOUTFS • (CODE + 8192)/16384 + IOUTCM
IOUTN = IOUTFS • (8192 – CODE – 1/4)/16384 + IOUTCM
LTC2000A-11:
IOUTP = IOUTFS • (CODE + 1024)/2048 + IOUTCM
IOUTN = IOUTFS • (1024 – CODE – 1/32)/2048 + IOUTCM
The DAC code ranges from –2N-1 to 2N-1 – 1, with N
being the DAC resolution (16/14/11). IOUTCM is a small,
constant common-mode output current that is equal to
approximately 0.2% full-scale, or 80µA for IOUTFS = 40mA.
The LTC2000A differential output currents typically drive a
resistive load either directly or drive an equivalent resistive
load through a transformer (see the Output Configurations
section). The voltage outputs generated by the IOUTP and
IOUTN outputs currents are then:
VOUTP = IOUTP • RLOAD
VOUTN = IOUTN • RLOAD
VDIFF = VOUTP – VOUTN = (IOUTP-IOUTN) • RLOAD
Substituting the values above gives:
LTC2000A-16:
VDIFF = VREFIO • (RLOAD/RFSADJ) • (2 • CODE + 1)/4096
LTC2000A-14:
VDIFF = VREFIO • (RLOAD/RFSADJ) • (2 • CODE + 1/4)/1024
LTC2000A-11:
VDIFF = VREFIO • (RLOAD/RFSADJ) • (2 • CODE + 1/32)/128
Note that the gain of the DAC depends on the ratio of RLOAD
to RFSADJ, and the gain error tempco is affected by the
temperature tracking of RLOAD with RFSADJ.
Analog Outputs (IOUTP/N)
The two complementary analog outputs (IOUTP/N)havelow
output capacitance that, with appropriate RLOAD values,
can achieve high output bandwidths of 2.1GHz. The analog
outputs also have an internal impedance of 50Ω to GND
that will affect the calculation of RLOAD and the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com