Electronic Components Datasheet Search
  English  ▼

X  

LTC2000A Datasheet(PDF) 19 Page - Analog Devices

Part # LTC2000A
Description  2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000A Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC2000A Datasheet HTML 15Page - Analog Devices LTC2000A Datasheet HTML 16Page - Analog Devices LTC2000A Datasheet HTML 17Page - Analog Devices LTC2000A Datasheet HTML 18Page - Analog Devices LTC2000A Datasheet HTML 19Page - Analog Devices LTC2000A Datasheet HTML 20Page - Analog Devices LTC2000A Datasheet HTML 21Page - Analog Devices LTC2000A Datasheet HTML 22Page - Analog Devices LTC2000A Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
LTC2000A
19
2000afb
For more information www.linear.com/LTC2000A
OPERATION
TIMING DIAGRAMS
SDI
SDO
CS
SCK
t2
t13
t10
t5
Hi-Z
Hi-Z
t7
t6
t1
t3
t4
1
2
3
15
16
2000A F01
DAP/N, DBP/N
t12
DCKI
t11
2000A F02
t12
t11
DAP/N, DBP/N
t11
DCKI
t12
2000A F03
t11
t12
Figure 1. Serial Interface Timing
Figure 2. LVDS Interface Timing (DCKI_Q = 0, DCK_TADJ = 000)
Figure 3. LVDS Interface Timing (DCKI_Q = 1)
Introduction
The LTC2000A is a family of 2.7Gsps current steering
DACs. Three resolutions (16-, 14-, 11-bit) are available
in a 170-lead BGA package. The LTC2000A features high
output bandwidth and output current, while maintaining
a clean output spectrum with low spurs, making it ideal
for generating high frequency or broadband signals. The
LTC2000A output current is nominally 40mA and is a
scaled (16x) replica of the current flowing out of the FSADJ
pin (nominally 2.5mA). The high output current allows
flexibility in the output impedance, and the high FSADJ
current and low scaling factor give excellent close-in phase
noise performance.
The LTC2000A has two 16-, 14-, 11-bit wide LVDS or
DHSTL-compatible parallel data input ports (DAP/N,
DBP/N). Each data input port is capable of receiving two’s
complement data at up to 1.35Gbps using a double data
rate (DDR) data input clock (DCKIP/N) at up to 675MHz.
The DDR data input clock may be either in quadrature or
in phase with the data arriving on the data input ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com