Electronic Components Datasheet Search
  English  ▼

X  

LTC2000A Datasheet(PDF) 17 Page - Analog Devices

Part # LTC2000A
Description  2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000A Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC2000A Datasheet HTML 13Page - Analog Devices LTC2000A Datasheet HTML 14Page - Analog Devices LTC2000A Datasheet HTML 15Page - Analog Devices LTC2000A Datasheet HTML 16Page - Analog Devices LTC2000A Datasheet HTML 17Page - Analog Devices LTC2000A Datasheet HTML 18Page - Analog Devices LTC2000A Datasheet HTML 19Page - Analog Devices LTC2000A Datasheet HTML 20Page - Analog Devices LTC2000A Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
LTC2000A
17
2000afb
For more information www.linear.com/LTC2000A
PIN FUNCTIONS
AVDD18: 1.8V Analog Supply Voltage Input. 1.8V to 1.92V.
AVDD33: 3.3V Analog Supply Voltage Input. 3.135V to
3.465V.
CKP, CKN: DAC Sample Clock Inputs. Maximum clock
frequency (fDAC) is 2700MHz. Clock signal should be AC
coupled.
CS: Serial Interface Chip Select Input. When CS is low,
SCK is enabled for shifting data on SDI into the register.
When CS is taken high, SCK is disabled and SDO is high
impedance.
DAP[15:0],DAN[15:0]:PortALVDSDataInputs. Maximum
data rate is 1.35Gbps. Port A is used only in dual-port
mode. Connect to GND if not used. The data input format
is two’s complement.
DBP[15:0],DBN[15:0]:PortBLVDSDataInputs. Maximum
data rate is 1.35Gbps. In single-port mode, only Port B is
used. In dual-port mode, the sample from Port B appears
at IOUTP/N one cycle after the sample from Port A. The data
input format is two’s complement.
DCKIP, DCKIN: LVDS Data Clock Inputs. Maximum
frequency (fDCKI) is 675MHz. In dual-port mode, fDCKI =
fDAC/4. In single-port mode, fDCKI = fDAC/2
DCKOP, DCKON: LVDS Data Clock Outputs. Maximum
frequency is 675MHz. Select frequency (fDAC/4 or fDAC/2),
output current (3.5mA or 7mA), and termination (none or
100Ω) using register 0x02.
DVDD18: 1.8V Digital Supply Voltage Input. 1.8V to 1.92V.
DVDD33: 3.3V Digital Supply Voltage Input. 3.135V to
3.465V.
FSADJ: Full-Scale Adjust Pin. The DAC full-scale current is
16 • (VREFIO/RFSADJ).Connecta500ΩresistorfromFSADJ
to GND to set the full-scale current to 40mA.
GND: Ground.
IOUTP, IOUTN: DAC Analog Current Outputs. Differential
output is nominally ±40mA. Maximum update rate is
2.7Gsps. The output current is evenly divided between
IOUTP and IOUTN when the two’s compliment DAC code is
set to mid-scale (all zeros).
PD (Pin S1): Active Low Power-Down Input. When PD is
low, the LTC2000A supply current is less than 440µA. To
exit power-down mode switch PD high to SVDD.
REFIO: Reference Voltage Input or Output. The 1.25V
internal reference is available at the pin through a 10k
internal resistor. May be overdriven with an external refer-
ence voltage between 1.1V and 1.4V.
SCK: Serial Interface Clock Input. Maximum frequency
is 50MHz.
SDI: Serial Interface Data Input. Data on SDI is clocked
in on the rising edge of SCK.
SDO: Serial Interface Data Output. Data is clocked out onto
SDO by the falling edge of SCK. SDO is high impedance
when CS is high.
SVDD: SPI Supply Voltage Input. 1.71V to 3.465V.
TSTP, TSTN: Test Output Pins. May be optionally used to
measure internal temperature or timing of LVDS inputs.
See Measuring Internal Junction Temperature and Mea-
suring LVDS Input Timing Skew sections in Applications
Information. Use SPI internal registers 0x18 and 0x19 to
control TSTP/N. Connect to GND if not used.
Note: For pin locations, refer to the Pin Locations section
of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com