Electronic Components Datasheet Search
  English  ▼

X  

LTC3216 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3216
Description  1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 Datasheet(HTML) 1 Page - Linear Technology

  LTC3216 Datasheet HTML 1Page - Linear Technology LTC3216 Datasheet HTML 2Page - Linear Technology LTC3216 Datasheet HTML 3Page - Linear Technology LTC3216 Datasheet HTML 4Page - Linear Technology LTC3216 Datasheet HTML 5Page - Linear Technology LTC3216 Datasheet HTML 6Page - Linear Technology LTC3216 Datasheet HTML 7Page - Linear Technology LTC3216 Datasheet HTML 8Page - Linear Technology LTC3216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3216
1
3216fa
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TYPICAL APPLICATIO
APPLICATIO S
FEATURES
DESCRIPTIO
s
LED Torch/Camera Light Supply for Cell Phones,
PDAs and Digital Cameras
s
Generic Lighting and/or Flash/Strobe Applications
s
High Efficiency Operation: 1x, 1.5x or 2x Boost
Modes with Automatic Mode Switching
s
Ultralow Dropout ILED Current Control
s
Output Current up to 1A
s
Low Noise Constant Frequency Operation*
s
Independent Low Current/High Current
Programming and Enable Pins
s
Wide VIN Range: 2.9V to 4.4V
s
Open/Shorted LED Protection
s
LED Disconnect in Shutdown
s
Low Shutdown Current: 2.5
µA
s
4% LED Current Programming Accuracy
s
Automatic Soft-Start Limits Inrush Current
s
No Inductors
s
Tiny Application Circuit (All Components <1mm
Profile)
s
3mm
× 4mm 12-Lead DFN Package
1A Low Noise High Current
LED Charge Pump with
Independent Torch/Flash Current Control
The LTC
®3216 is a low noise, high current charge pump
DC/DC converter designed to power high current LEDs.
The part includes an accurate programmable current
source capable of driving loads up to 1A from a 2.9V to
4.4V input. Low external parts count (two flying capaci-
tors, two programming resistors and two bypass capaci-
tors at VIN and CPO) make the LTC3216 ideally suited for
small, battery-powered applications.
Built-in soft-start circuitry prevents excessive inrush cur-
rent during start-up. High switching frequency enables the
use of small external capacitors. Independent high and
low current settings are programmed by two external
resistors. Shutdown mode and current output levels are
selected via two logic inputs.
An ultralow dropout current source maintains accurate
LED current at very low ILED voltages. Automatic mode
switching optimizes efficiency by monitoring the voltage
across the LED current source and switching modes only
when ILED dropout is detected. The LTC3216 is available in
a small 3mm
× 4mm 12-Lead DFN package.
Torch Mode Efficiency vs VIN
EN1
0
1
0
1
C1
2.2
µF
C2
2.2
µF
CIN
2.2
µF
CCPO
4.7
µF
LED1
ILED
VIN
2.9V TO 4.4V
EN2
EN1
LTC3216
C1+
C1– C2+
C2–
ISET1
ISET2
0 (SHUTDOWN)
200mA (TORCH)
600mA
800mA (FLASH)
EN2
0
0
1
1
3216 TA01a
LED1: LUMILEDS LXCL-PWF1 LUXEON FLASH
CPO
20k
1%
6.65k
1%
EN2 (FLASH)
EN1 (TORCH)
ILED
VIN (V)
2.8
100
90
80
70
60
50
40
30
20
10
0
3.2
3.6
3.8
3216 TA01b
3.0
3.4
4.0
4.2
4.4
PLED/PIN
LUMILEDS LXCL-PWF1
VF = 3V TYP AT 200mA
ILED = 200mA
*Protected by U.S. Patents including 6411531.


Similar Part No. - LTC3216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3216 LINER-LTC3216 Datasheet
174Kb / 12P
1A Low Noise High Current LED Charge Pump
LTC3216 LINER-LTC3216_15 Datasheet
174Kb / 12P
1A Low Noise High Current LED Charge Pump
More results

Similar Description - LTC3216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3215 LINER-LTC3215 Datasheet
162Kb / 12P
700mA Low Noise High Current LED Charge Pump
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
High Current LED Flash Driver Charge Pump IC
3170.2006.11.1.1
AAT3172 AAT-AAT3172 Datasheet
455Kb / 15P
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
High Current LED Flash Driver Charge Pump IC
AAT3172 ANALOGICTECH-AAT3172_08 Datasheet
870Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
SiGe Semiconductor, Inc...
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
High Current LED Flash Driver Charge Pump IC
logo
Linear Technology
LTC3216 LINER-LTC3216_15 Datasheet
174Kb / 12P
1A Low Noise High Current LED Charge Pump
LTC3215 LINER-LTC3215_15 Datasheet
669Kb / 14P
700mA Low Noise High Current LED Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com