Electronic Components Datasheet Search
  English  ▼

X  

LTC3216 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3216
Description  1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 Datasheet(HTML) 3 Page - Linear Technology

  LTC3216 Datasheet HTML 1Page - Linear Technology LTC3216 Datasheet HTML 2Page - Linear Technology LTC3216 Datasheet HTML 3Page - Linear Technology LTC3216 Datasheet HTML 4Page - Linear Technology LTC3216 Datasheet HTML 5Page - Linear Technology LTC3216 Datasheet HTML 6Page - Linear Technology LTC3216 Datasheet HTML 7Page - Linear Technology LTC3216 Datasheet HTML 8Page - Linear Technology LTC3216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3216
3
3216fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Based on long-term current density limitations. Assumes an
operating duty cycle of
≤ 10% under absolute maximum conditions for
durations less than 10 seconds. Max current for continuous operation is
500mA.
Note 3: The LTC3216E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
ILED Dropout Voltage
vs LED Current
ILED Pin Current
vs ILED Pin Voltage
ILED vs RSET
LED CURRENT (mA)
0
200
400
800
600
1000
3216 G01
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
ILED PIN VOLTAGE (V)
0
600
500
400
300
200
100
0
0.2
0.4
0.6
0.8
3216 G02
1.0
TEMPERATURE (
°C)
–40
10
60
85
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3216 G05
–15
35
–40
10
60
85
–15
35
TEMPERATURE (
°C)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3216 G06
ILED = 500mA
400mA
300mA
200mA
100mA
VIN = 3V
VCPO = 4.2V
CIN = C1 = C2 = 2.2µF
CCPO = 4.7µF
VIN = 3V
VCPO = 4.8V
CIN = C1 = C2 = 2.2µF
CCPO = 4.7µF
TEMPERATURE (
°C)
–40
35
85
3216 G07
–15
10
60
0.31
0.29
0.27
0.25
0.23
0.21
0.19
0.17
0.15
ICPO = 200mA
VIN = 3.6V
VIN = 3.3V
VIN = 3.9V
VIN = 3.6V
RSET (kΩ)
1573 G06
1200
1000
800
600
400
200
0
0
10
20
25
515
30
35
40
1.5x Mode Charge Pump
Open-Loop Output Resistance
(1.5VIN – VCPO)/ICPO vs Temperature
2x Mode Charge Pump
Open-Loop Output Resistance
(2VIN – VCPO)/ICPO vs Temperature
1x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISET1, ISET2
VISET1, VISET2
ISETX = 50µA
q
1.195
1.22
1.245
V
IISET1, IISET2
q
321
µA
TA = 25°C unless otherwise noted.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, CIN = C1 = C2 = 2.2µF, CCPO = 4.7µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com