Electronic Components Datasheet Search
  English  ▼

X  

LTC3216 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3216
Description  1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3216 Datasheet HTML 2Page - Linear Technology LTC3216 Datasheet HTML 3Page - Linear Technology LTC3216 Datasheet HTML 4Page - Linear Technology LTC3216 Datasheet HTML 5Page - Linear Technology LTC3216 Datasheet HTML 6Page - Linear Technology LTC3216 Datasheet HTML 7Page - Linear Technology LTC3216 Datasheet HTML 8Page - Linear Technology LTC3216 Datasheet HTML 9Page - Linear Technology LTC3216 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3216
6
3216fa
The LTC3216 uses a fractional switched capacitor charge
pump to power a high current LED with a programmed
regulated current. The part starts up into the 1x mode. In
this mode, VIN is directly connected to CPO. This mode
provides maximum efficiency and minimum noise. The
LTC3216 will remain in this mode until the LED current
source begins to dropout. When dropout is detected, the
LTC3216 will switch to 1.5x mode after a soft-start period.
Any subsequent dropout detected will cause the part to
enter 2x mode. The part may be reset to 1x mode by
bringing the part into shutdown mode and then reenabling
the part.
A two phase nonoverlapping clock activates the charge
pump switches. In the 2x mode, the flying capacitors are
charged on alternate clock phases from VIN. While one
capacitor is being charged from VIN, the other is stacked
on top of VIN and connected to the output. Alternatively, in
the 1.5x mode the flying capacitors are charged in series
during the first clock phase, and stacked in parallel on top
of VIN on the second clock phase. This sequence of
charging and discharging the flying capacitors continues
at a free running frequency of 900kHz (typ).
The current delivered to the LED load is controlled by the
internal programmable current source. Three discrete
current settings (Low, High and Low + High) are available
and may be selected via the EN2 and EN1 pins. The values
of these currents may be selected by choosing the appro-
priate programming resistors. Each resistor is connected
between the ISET2 or ISET1 pin and GND. The resistor
values needed to attain the desired current levels can be
determined by equation 1.
RSET1/2 = 3965/ILED
(1)
A resistor value of 2k
Ω or less (i.e. a short-circuit) will
cause the LTC3216 to enter overcurrent shutdown mode.
This mode will prevent damage to the part by shutting
down the high power sections of the chip.
Regulation is achieved by sensing the voltage at the CPO
pin and modulating the charge pump strength based on
the error signal. The CPO regulation voltages are set
internally, and are dependent on the charge pump mode as
shown in Table 1.
Table 1. Charge Pump Output Regulation Voltages
Charge Pump Mode
VCPO
1.5x
4.6V
2x
5.1V
In shutdown mode all circuitry is turned off and the
LTC3216 draws a very low current from the VIN supply.
Furthermore, CPO is weakly connected to VIN.TheLTC3216
enters shutdown mode when both the EN1 and EN2 pins
are brought low. Since EN1 and EN2 are high impedance
CMOS inputs they should never be allowed to float. To
ensure that their states are defined they must always be
driven with valid logic levels.
Thermal Protection
The LTC3216 has built-in overtemperature protection.
Thermal shutdown circuitry will shutdown the ILED output
when the junction temperature exceeds approximately
150
°C. It will re-enable the ILED output once the junction
temperature drops back to approximately 135
°C. The
LTC3216 will cycle in and out of thermal shutdown indefi-
nitely without latch up or damage until the heat source is
removed.
Soft-Start
To prevent excessive inrush current during start-up and
mode switching, the LTC3216 employs built-in soft-start
circuitry. Soft-start is achieved by increasing the amount
of current available to the output charge storage capacitor
linearly over a period of approximately 250
µs.
Charge Pump Strength
When the LTC3216 operates in either the 1.5x mode or 2x
mode, the charge pump can be modeled as a Thevenin-
equivalent circuit to determine the amount of current
available from the effective input voltage and effective
open-loop output resistance, ROL(Figure 1).
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com