Electronic Components Datasheet Search
  English  ▼

X  

LTC3216 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3216
Description  1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 Datasheet(HTML) 4 Page - Linear Technology

  LTC3216 Datasheet HTML 1Page - Linear Technology LTC3216 Datasheet HTML 2Page - Linear Technology LTC3216 Datasheet HTML 3Page - Linear Technology LTC3216 Datasheet HTML 4Page - Linear Technology LTC3216 Datasheet HTML 5Page - Linear Technology LTC3216 Datasheet HTML 6Page - Linear Technology LTC3216 Datasheet HTML 7Page - Linear Technology LTC3216 Datasheet HTML 8Page - Linear Technology LTC3216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3216
4
3216fa
VIN (V)
2.8
100
90
80
70
60
50
40
30
20
10
0
3.2
3.6
3.8
3216 G11
3.0
3.4
4.0
4.2
4.4
LED = LXCL-PWF1 LUMILEDS
3216 G12
3216 G13
VCPO
50mV/DIV
A/C COUPLED
500ns/DIV
VCPO
20mV/DIV
A/C COUPLED
500ns/DIV
VIN = 3.6V
ICPO = 200mA
VIN = 3.6V
ICPO = 400mA
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3216 G04
INPUT VOLTAGE (V)
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
TA = 85°C
TA = –40°C
TA = 25°C
930
920
910
900
890
880
870
860
850
840
3216 G03
SUPPLY VOLTAGE (V)
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
TA = 85°C
TA = –40°C
TA = 25°C
600mA
ILED = 800mA
400mA
200mA
1ms/DIV
EN2
5V/DIV
IVIN
500mA/DIV
VCPO
1V/DIV
3216 G14
VIN = 3V
ILED CURRENT(mA)
0
200
400 500
900
3216 G15
100
300
600 700 800
3400
3350
3300
3250
3200
3150
3100
TA = 85°C
TA = –40°C
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs VIN
1.5x Mode CPO Output Ripple
2x Mode CPO Output Ripple
Input Shutdown Current
vs Input Voltage
Oscillator Frequency
vs Supply Voltage
Charge Pump Mode Switching
and Input Current
TA = 25°C unless otherwise noted.
ISET/ILED Current Ratio vs ILED
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com