Electronic Components Datasheet Search
  English  ▼

X  

LTC3216 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3216
Description  1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 Datasheet(HTML) 2 Page - Linear Technology

  LTC3216 Datasheet HTML 1Page - Linear Technology LTC3216 Datasheet HTML 2Page - Linear Technology LTC3216 Datasheet HTML 3Page - Linear Technology LTC3216 Datasheet HTML 4Page - Linear Technology LTC3216 Datasheet HTML 5Page - Linear Technology LTC3216 Datasheet HTML 6Page - Linear Technology LTC3216 Datasheet HTML 7Page - Linear Technology LTC3216 Datasheet HTML 8Page - Linear Technology LTC3216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3216
2
3216fa
12
11
10
9
8
7
1
2
3
4
5
6
C1–
GND
C2–
VIN
EN2
EN1
C2+
C1+
CPO
ISET1
ILED
ISET2
TOP VIEW
DE12 PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
EXPOSED PAD IS GND (PIN 13)
MUST BE SOLDERED TO PCB
13
VIN to GND ................................................ –0.3V to 5.5V
CPO to GND .............................................. –0.3V to 5.5V
EN2, EN1 ......................................... –0.3V to VIN + 0.3V
ICPO, IILED (Note 2) ........................................... 1500mA
CPO Short-Circuit Duration ............................. Indefinite
Operating Temperature Range (Note 3) ...–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 43°C/W
LTC3216EDE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, CIN = C1 = C2 = 2.2µF, CCPO = 4.7µF
Consult LTC Marketing for parts specified with wider operating temperature ranges.
DFN PART
MARKING
3216
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VIN Operating Voltage
q
2.9
4.4
V
IVIN Operating Current
ICPO = 0mA, 1x Mode
300
µA
ICPO = 0mA, 1.5x
7
mA
ICPO = 0mA, 2x Mode
9.2
mA
IVIN Shutdown Current
EN2 = EN1 = LOW
2.5
7
µA
LED Current
LED Current Ratio (ILED/ISET1/2)ILED = 200mA to 800mA
q
3120
3250
3380
mA/mA
ILED Dropout Voltage
Mode Switch Threshold, ILED = 200mA
120
mV
Mode Switching Delay
EN1 = HIGH, EN2 = LOW
150
ms
(LED Warmup Time)
EN1 = LOW or HIGH, EN2 = HIGH
2
ms
LED Current On Time
EN
to LED Current On
130
µs
Charge Pump (CPO)
1x Mode Output Voltage
ICPO = 0mA
VIN
V
1.5x Mode Output Voltage
ICPO = 0mA
4.6
V
2x Mode Output Voltage
ICPO = 0mA
5.1
V
1x Mode Output Impedance
0.25
Ω
1.5x Mode Output Impedance
VIN = 3.4V, VCPO < 4.6V, C1 = C2 = 2.2µF
1.5
Ω
2x Mode Output Impedance
VIN = 3.2V, VCPO < 5.1V, C1 = C2 = 2.2µF
1.7
Ω
CLK Frequency
q
0.6
0.9
1.2
MHz
EN1, EN2
High Level Input Voltage (VIH)
q
1.4
V
Low Level Input Voltage (VIL)
q
0.4
V
Input Current (IIH)
q
–1
1
µA
Input Current (IIL)
q
–1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com