Electronic Components Datasheet Search
  English  ▼

X  

OPIA804 Datasheet(PDF) 10 Page - TT Electronics.

Part # OPIA804
Description  DIP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPIA804 Datasheet(HTML) 10 Page - TT Electronics.

Back Button OPIA804 Datasheet HTML 6Page - TT Electronics. OPIA804 Datasheet HTML 7Page - TT Electronics. OPIA804 Datasheet HTML 8Page - TT Electronics. OPIA804 Datasheet HTML 9Page - TT Electronics. OPIA804 Datasheet HTML 10Page - TT Electronics. OPIA804 Datasheet HTML 11Page - TT Electronics. OPIA804 Datasheet HTML 12Page - TT Electronics. OPIA804 Datasheet HTML 13Page - TT Electronics. OPIA804 Datasheet HTML 14Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5 02/2010
Page 10 of 20
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPIA800—OPIA803, OPID804
DIP Package
Electrical Characteristics: OPIA802
*5 Current transfer ratio is a ratio of input current and output current expressed in %.
*6 Io = 2.4mA
*7 Measured as 2-pin element (Short 1,2,3,4 and 5,6,7,8)
(TA = 0 to +70°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com