Electronic Components Datasheet Search
  English  ▼

X  

OPIA804 Datasheet(PDF) 11 Page - TT Electronics.

Part # OPIA804
Description  DIP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPIA804 Datasheet(HTML) 11 Page - TT Electronics.

Back Button OPIA804 Datasheet HTML 7Page - TT Electronics. OPIA804 Datasheet HTML 8Page - TT Electronics. OPIA804 Datasheet HTML 9Page - TT Electronics. OPIA804 Datasheet HTML 10Page - TT Electronics. OPIA804 Datasheet HTML 11Page - TT Electronics. OPIA804 Datasheet HTML 12Page - TT Electronics. OPIA804 Datasheet HTML 13Page - TT Electronics. OPIA804 Datasheet HTML 14Page - TT Electronics. OPIA804 Datasheet HTML 15Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5
02/2010
Page 11 of 20
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPIA800—OPIA803, OPID804
DIP Package
Switching Characteristics: OPIA802
*8 RL = 1.9k ohms is equivalent to on LSTTL and 5.6k ohm pull-up resistor.
*9 Instantaneous common mode rejection voltage “output(1)” represents a common voltage variation that can hold the output
above (1) level (Vo>2.0V).
*10 Instantaneous common mode rejection voltage “output(1)” represents a common voltage variation that can hold the output
above (0) level (Vo>0.8V).
*11 Bandwidth represents a point where AC input goes down by 3dB.
(TA = 25°C, VCC=5V, IF=16mA)
*9 Test Circuit Propagation Delay Time
*11 Test Circuit for Instantaneous Common Mode Rejection Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com