Electronic Components Datasheet Search
  English  ▼

X  

OPIA804 Datasheet(PDF) 19 Page - TT Electronics.

Part # OPIA804
Description  DIP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPIA804 Datasheet(HTML) 19 Page - TT Electronics.

Back Button OPIA804 Datasheet HTML 12Page - TT Electronics. OPIA804 Datasheet HTML 13Page - TT Electronics. OPIA804 Datasheet HTML 14Page - TT Electronics. OPIA804 Datasheet HTML 15Page - TT Electronics. OPIA804 Datasheet HTML 16Page - TT Electronics. OPIA804 Datasheet HTML 17Page - TT Electronics. OPIA804 Datasheet HTML 18Page - TT Electronics. OPIA804 Datasheet HTML 19Page - TT Electronics. OPIA804 Datasheet HTML 20Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5
02/2010
Page 19 of 20
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPIA800—OPIA803, OPID804
DIP Package
Quality / Reliability Requirements
Note: This is to be performed when a change occurs to form, fit or function.
Government and Industry Standard
Compliance Requirements
European Union’s Reduction of Hazardous Substances (RoHS) Directive 2002/95/EC
Parameter
Failure Criteria
Conditions
HTRB D IC(OFF)
± 10%
11 samples after 500Hrs
0 Fail
@ VCE = 5.0VDC, Ta = 70°C
HTFB D IC(ON)
± 10%
50 samples after 96Hrs
0 Fail
@ Max PD, Ta = 25°C
MTTF @ 90% confidence
150,000 Min.
@ 25°C, 25mADC
Moisture Sensitivity Level
MSL 1
per JDEC stnd J-STD-020B
Lead Solderability
0 Fail
per Method 208 of MIL-STD-202.
Glass Transition of body
125°C Min.
DSC test method
Temperature Humidity-Bias
± 20%
85°C, 85%RH, 500Hrs, 80% min Iceo
Temperature Cycle
± 20%
per Method 1010.7 of MIL-STD-883E
High Temperature Storage
± 20%
85°C, 500Hrs
Autoclave
0 Fail
TA = 121°C, Pressure = 15psi, Humidity
= 100%, Time = 96Hrs
Label Identification
DESCRIPTION:
Size: 3” (7.4 cm) X 2.2” (5.5 cm)
Lettering shall be black on white background.
Format shall be as:
Notes:
1.
The DATE CODE is a 4-digit code for date of manufacture where YY is
the last two digits of the year, and WW is week number of manufacture.
2.
The LOT I.D. is the manufacturing location lot identification where Y is
the year of manufacture, NNNN is a sequential lot identifier, and DDD
is the day of the year of manufacture. – or use equivalent label format.
Carrollton, TX, USA
MADE IN TAIWAN
OPTEK P/N __OPIA800D-TU__
II
IIIIIIIIIIIIIIIIIII
QTY. ________N/A_________
II
IIIIIIIIIIIIIIIIIII
DATE CODE _____(YYWW)___
II
IIIIIIIIIIIIIIIIIII
LOT I.D. ____(Y-NNNNDDD)__
II
IIIIIIIIIIIIIIIIIII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com