Electronic Components Datasheet Search
  English  ▼

X  

OPIA804 Datasheet(PDF) 20 Page - TT Electronics.

Part # OPIA804
Description  DIP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPIA804 Datasheet(HTML) 20 Page - TT Electronics.

Back Button OPIA804 Datasheet HTML 12Page - TT Electronics. OPIA804 Datasheet HTML 13Page - TT Electronics. OPIA804 Datasheet HTML 14Page - TT Electronics. OPIA804 Datasheet HTML 15Page - TT Electronics. OPIA804 Datasheet HTML 16Page - TT Electronics. OPIA804 Datasheet HTML 17Page - TT Electronics. OPIA804 Datasheet HTML 18Page - TT Electronics. OPIA804 Datasheet HTML 19Page - TT Electronics. OPIA804 Datasheet HTML 20Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5 02/2010
Page 20 of 20
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPIA800—OPIA803, OPID804
DIP Package
Packaging Information:
Tube Packaging Specifications (TU):
Quantity: 8-pin: 48pcs/tube
DIMENSIONS ARE IN: INCHES [MILLIMETERS]
TOLERANCE: ± 0.008 INCHES
[± 0.2 MILLIMETERS]
Optek's Optocoupler
Part Numbers
Packaging
Quantities
Tube
Inner
Small Carton
Medium Carton
Large Carton
Qty
Weight
52 x 7 x 7.5
cm
53.5 x 16 x 17.5 cm 53.5 x 30.7 x 17.5 cm 53.5 x 30.7 x 25 cm
Qty
Weight
Qty
Weight
Gross
Weight
Qty
Weight
Gross
Weight
Qty
Weight
Gross
Weig
ht
P/H
and
SMD
4-PIN
OPIA400D/A, OPIA410D/A -
OPIA413D/A
100
44
3,000
1.40
12,000
6.0
6.5
24,000
12.0
12.5
36,000
18.0
18.5
6-PIN
OPIA6XXD/A Series
65
44
1,950
1.50
7,800
6.5
7.0
15,600
12.0
12.5
23,400
18.5
19.0
8-PIN
OPIA8XXD Series and OPID804D
48
44
1,440
1.44
5,760
6.0
6.5
11,520
12.0
12.5
17,290
18.0
18.5
M/F
SOP
4-PIN and 5-PIN
OPIA401B - OPIA404B, OPIA414B,
OPIA500B
100
24
6,000
1.60
24,000
6.5
7.0
48,000
13.0
13.5
72,000
19.5
20.0
SSOP
4-PIN
OPIA405C - OPIA409C
170
--
10,200
--
P/H = Pin-Hole Packages (Referred as D = Dual-In-Line Package)
SMD = Standard Surface Mount Packages (Referred as A = 6.5mil SMD)
M/F or SOP = Mini-Flat Packages or Small Outside Packages (Referred as B = 4.40mil SMD w/ 2.54mil Lead-
Spacing)
SSOP = Shrink SOP Packages (Referred as C = 3.60mil SMD with 1.27mil Lead-Spacing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com