Electronic Components Datasheet Search
  English  ▼

X  

OPIA804 Datasheet(PDF) 14 Page - TT Electronics.

Part # OPIA804
Description  DIP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPIA804 Datasheet(HTML) 14 Page - TT Electronics.

Back Button OPIA804 Datasheet HTML 10Page - TT Electronics. OPIA804 Datasheet HTML 11Page - TT Electronics. OPIA804 Datasheet HTML 12Page - TT Electronics. OPIA804 Datasheet HTML 13Page - TT Electronics. OPIA804 Datasheet HTML 14Page - TT Electronics. OPIA804 Datasheet HTML 15Page - TT Electronics. OPIA804 Datasheet HTML 16Page - TT Electronics. OPIA804 Datasheet HTML 17Page - TT Electronics. OPIA804 Datasheet HTML 18Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5 02/2010
Page 14 of 20
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPIA800—OPIA803, OPID804
DIP Package
Electrical Characteristics: OPID804
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage (*4)
-
1.6
1.8
V
IF = 10 mA, TA = 25° C
BVR
Reverse Breakdown Voltage
5
-
-
V
IR = 10 µA, TA = 25° C
CIN
Input Capacitance
-
60
-
pf
VF = 0.0 V, f = 1M Hz
Output Photologic
VOL
Low Level Output Voltage
-
0.4
0.6
V
IOL = 13 mA, VCC = 5.5 V, IF = 5 mA,
VEH=2V
IOH
High Level Output Current
-
2
250
µA
VCC=5.5 V, VO=5.5 V, VE=2.0 V, IF=250
µA
IEH
High Level Enable Current
-
-0.8
-
mA
VCC = 5.5 V, VE = 2.0 V
IEL
Low Level Enable Current
-2.0
-1.2
-
mA
VCC = 5.5 V, VE = 2.0 V
ICCL
Low Level Output Current
-
13
18
mA
VCC = 5.5 V, VE = 0.5 V, IF = 10 mA
ICCH
High Level Output Current
-
7
15
mA
VCC = 5.5 V, VE = 0.5 V, IF = 0 mA
II-O
Leakage Current
-
-
1.0
mA
VI-O = 3,000 V, TA = 25° C, t = 5 s,
RH = 45%
tEHL
Enable Propagation delay “High to
Low” (*8)
-
15
-
ns
VEH = 3.0 V, VEL = 0.5 V, RL = 350 Ω ,
IF = 7.5 mA, CLOAD = 15 pf
tELH
Enable Propagation delay “Low to
High” (*8)
-
40
-
IFHL / IFLH
Hysteresis
-
0.8
-
Ratio
VCC = 5 V, RL = 280 Ω
RI-O
Input-Output Isolation resistance (*5)
-
10
12
-
ohm
VI-O = 500 V, TA = 25° C
CI-O
Input-Output Capacitance (*5)
-
0.6
-
pf
f = 1M Hz, TA = 25° C
tPHL & tPLH
Propagation delay “High to Low”
and “Low to High” (*7)
-
45
75
ns
VCC = 5 V, RL = 350 Ω , IF = 7.5 mA,
CLOAD = 15 pf, TA = 25°C
tR & tF
Rise and Fall Time
-
30
-
CMH
Instantaneous common mode rejection
voltage “High Output” (*9)
-
500
-
V/us
VCM = 10 V, RL = 350 Ω , IF = 0 mA,
VO = 2.0 V
CML
Instantaneous common mode rejection
voltage “Low Output” (*9)
-
-500
-
VCM = 10 V, RL = 350 Ω , IF = 5 mA,
VO = 0.8 V
(TA = 0 to +70°C unless otherwise specified)
Notes: (Typical values are all at VCC = 5V, Ta = 25°C.
*5 Measured as 2-Pin element. Connect pins 2 and 3, connect pins 5,6,7 and 8.
*6 DC current transfer ratio is defined as the ratio of output collector current to forward bias input current.
*7 Refer to Figure 1.
*8 Refer to Figure 2.
*9 CMH represents a common mode voltage ignorable rise time ratio that can hold logic (1) state in output.
CML represents a common mode voltage ignorable fall time ratio that can hold logic (0) state in output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com