Electronic Components Datasheet Search
  English  ▼

X  

AD5313R Datasheet(PDF) 11 Page - Analog Devices

Part # AD5313R
Description  Dual, 10-Bit nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5313R Datasheet HTML 7Page - Analog Devices AD5313R Datasheet HTML 8Page - Analog Devices AD5313R Datasheet HTML 9Page - Analog Devices AD5313R Datasheet HTML 10Page - Analog Devices AD5313R Datasheet HTML 11Page - Analog Devices AD5313R Datasheet HTML 12Page - Analog Devices AD5313R Datasheet HTML 13Page - Analog Devices AD5313R Datasheet HTML 14Page - Analog Devices AD5313R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
AD5313R
Rev. B | Page 11 of 26
Figure 14. Integral Nonlinearity (INL) vs. Code
Figure 15. Differential Nonlinearity (DNL) vs. Code
Figure 16. INL Error and DNL Error vs. Temperature
Figure 17. INL Error and DNL Error vs. VREF
Figure 18. INL Error and DNL Error vs. Supply Voltage
Figure 19. Gain Error and Full-Scale Error vs. Temperature
0.5
–0.5
–0.3
–0.1
0.1
0.3
0
156
312
468
625
781
938
CODE
CODE
0.5
–0.5
–0.3
–0.1
0.1
0.3
CODE
0
156
312
468
625
781
938
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–40
110
60
10
TEMPERATURE (°C)
INL
DNL
VDD = 5V
INTERNAL REFERENCE = 2.5V
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VREF (V)
INL
DNL
VDD = 5V
TA = 25°C
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
INL
DNL
TA = 25°C
INTERNAL REFERENCE = 2.5V
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
GAIN ERROR
FULL-SCALE ERROR
VDD = 5V
INTERNAL REFERENCE = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com