Electronic Components Datasheet Search
  English  ▼

X  

AD5313R Datasheet(PDF) 24 Page - Analog Devices

Part # AD5313R
Description  Dual, 10-Bit nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313R Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5313R Datasheet HTML 18Page - Analog Devices AD5313R Datasheet HTML 19Page - Analog Devices AD5313R Datasheet HTML 20Page - Analog Devices AD5313R Datasheet HTML 21Page - Analog Devices AD5313R Datasheet HTML 22Page - Analog Devices AD5313R Datasheet HTML 23Page - Analog Devices AD5313R Datasheet HTML 24Page - Analog Devices AD5313R Datasheet HTML 25Page - Analog Devices AD5313R Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
AD5313R
Data Sheet
Rev. B | Page 24 of 26
APPLICATIONS INFORMATION
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5313R is achieved via a
serial bus using a standard protocol that is compatible with DSP
processors and microcontrollers. The communications channel
requires a 3-wire or 4-wire interface consisting of a clock signal,
a data signal, and a synchronization signal. The device requires
a 24-bit data-word with data valid on the rising edge of SYNC.
AD5313R TO ADSP-BF531 INTERFACE
The SPI interface of the AD5313R is designed to be easily
connected to industry-standard DSPs and microcontrollers.
Figure 47 shows the AD5313R connected to an Analog Devices
Blackfin® DSP. The Blackfin has an integrated SPI port that can
be connected directly to the SPI pins of the AD5313R.
Figure 47. AD5313R to ADSP-BF531 Interface
AD5313R TO SPORT INTERFACE
The Analog Devices ADSP-BF527 has one SPORT serial port.
Figure 48 shows how one SPORT interface can be used to
control the AD5313R.
Figure 48. AD5313R to SPORT Interface
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful considera-
tion of the power supply and ground return layout helps to ensure
the rated performance. Design the PCB on which the AD5313R
is mounted such that the AD5313R lies on the analog plane.
Provide the AD5313R with ample supply bypassing of 10 µF in
parallel with 0.1 µF on each supply, located as close to the package
as possible, ideally right up against the device. The 10 µF capa-
citors are of the tantalum bead type. Use a 0.1 µF capacitor with
low effective series resistance (ESR) and low effective series
inductance (ESI), such as the common ceramic types, which
provide a low impedance path to ground at high frequencies to
handle transient currents due to internal logic switching.
In systems where there are many devices on one board, it is
often useful to provide some heat sinking capability to allow
the power to dissipate easily.
The AD5313R has an exposed paddle beneath the device.
Connect this paddle to the GND supply for the part. For
optimum performance, use special considerations to design the
motherboard and to mount the package. For enhanced thermal,
electrical, and board level performance, solder the exposed paddle
on the bottom of the package to the corresponding thermal land
paddle on the PCB. Design thermal vias into the PCB land paddle
area to further improve heat dissipation.
The GND plane on the device can be increased (as shown in
Figure 49) to provide a natural heat sinking effect.
Figure 49. Paddle Connection to Board
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that may occur. The
i
Coupler® products from Analog Devices provide voltage isolation
in excess of 2.5 kV. The serial loading structure of the AD5313R
makes the part ideal for isolated interfaces because the number of
interface lines is kept to a minimum. Figure 50 shows a 4-channel
isolated interface to the AD5313R using an ADuM1400. For
more information, visit http://www.analog.com/icouplers.
Figure 50. Isolated Interface
ADSP-BF531
SYNC
SPISELx
SCLK
SCK
SDIN
MOSI
LDAC
PF9
RESET
PF8
AD5313R
ADSP-BF527
SYNC
SPORT_TFS
SCLK
SPORT_TSCK
SDIN
SPORT_DTO
LDAC
GPIO0
RESET
GPIO1
AD5313R
AD5313R
GND
PLANE
BOARD
ENCODE
SERIAL
CLOCK IN
CONTROLLER
ADuM14001
SERIAL
DATA OUT
SYNC OUT
LOAD DAC
OUT
DECODE
TO
SCLK
TO
SDIN
TO
SYNC
TO
LDAC
VIA
VOA
ENCODE
DECODE
VIB
VOB
ENCODE
DECODE
VIC
VOC
ENCODE
DECODE
VID
VOD
1ADDITIONAL PINS OMITTED FOR CLARITY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com