Electronic Components Datasheet Search
  English  ▼

X  

AD5313R Datasheet(PDF) 13 Page - Analog Devices

Part # AD5313R
Description  Dual, 10-Bit nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313R Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5313R Datasheet HTML 9Page - Analog Devices AD5313R Datasheet HTML 10Page - Analog Devices AD5313R Datasheet HTML 11Page - Analog Devices AD5313R Datasheet HTML 12Page - Analog Devices AD5313R Datasheet HTML 13Page - Analog Devices AD5313R Datasheet HTML 14Page - Analog Devices AD5313R Datasheet HTML 15Page - Analog Devices AD5313R Datasheet HTML 16Page - Analog Devices AD5313R Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
AD5313R
Rev. B | Page 13 of 26
Figure 26. IDD Histogram with External Reference, VDD = 5 V
Figure 27. IDD Histogram with Internal Reference, VREF = 2.5 V, Gain = 2
Figure 28. Headroom/Footroom vs. Load Current
Figure 29. Source and Sink Capability at VDD = 5 V
Figure 30. Source and Sink Capability at VDD = 3 V
Figure 31. Supply Current vs. Temperature
25
20
15
10
5
0
540
560
580
600
620
640
IDD (µA)
VDD = 5V
TA = 25°C
EXTERNAL
REFERENCE = 2.5V
30
25
20
15
10
5
0
1000
1020
1040
1060
1080
1100
1120
1140
IDD (µA)
VDD = 5V
TA = 25°C
INTERNAL
REFERENCE = 2.5V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
5
10
15
20
25
30
LOAD CURRENT (mA)
SOURCING 2.7V
SOURCING 5V
SINKING 2.7V
SINKING 5V
7
–2
–1
0
1
2
3
4
5
6
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
LOAD CURRENT (A)
0xFFFF
0x4000
0x8000
0xC000
0x0000
VDD = 5V
TA = 25°C
GAIN = 2
INTERNAL
REFERENCE = 2.5V
IOUT (mA)
–2
–1
0
1
2
3
4
5
–60
–40
–20
0
20
40
60
0xFFFF
0x4000
0x8000
0xC000
0x0000
VDD = 3V
TA = 25°C
GAIN = 1
EXTERNAL
REFERENCE = 2.5V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–40
110
60
10
TEMPERATURE (°C)
FULL SCALE
ZERO CODE
EXTERNAL REFERENCE, FULL-SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com