Electronic Components Datasheet Search
  English  ▼

X  

AD5313R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5313R
Description  Dual, 10-Bit nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5313R Datasheet HTML 18Page - Analog Devices AD5313R Datasheet HTML 19Page - Analog Devices AD5313R Datasheet HTML 20Page - Analog Devices AD5313R Datasheet HTML 21Page - Analog Devices AD5313R Datasheet HTML 22Page - Analog Devices AD5313R Datasheet HTML 23Page - Analog Devices AD5313R Datasheet HTML 24Page - Analog Devices AD5313R Datasheet HTML 25Page - Analog Devices AD5313R Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
AD5313R
Rev. B | Page 23 of 26
THERMAL HYSTERESIS
Thermal hysteresis is the voltage difference induced on the ref-
erence voltage by sweeping the temperature from ambient to
cold, then to hot, and then back to ambient.
Thermal hysteresis data is shown in Figure 46. It is measured
by sweeping the temperature from ambient to −40°C, next to
+105°C, and then returning to ambient. The VREF delta is then
measured between the two ambient measurements and shown
in blue in Figure 46. The same temperature sweep and measure-
ments are immediately repeated, and the results are shown in
red in Figure 46.
Figure 46. Thermal Hysteresis
9
8
7
6
5
4
3
2
1
0
50
0
–50
–100
–150
–200
DISTORTION (ppm)
FIRST TEMPERATURE SWEEP
SUBSEQUENT TEMPERATURE SWEEPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com