Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9144-EBZ
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9144-EBZ Datasheet HTML 1Page - Analog Devices AD9144-EBZ Datasheet HTML 2Page - Analog Devices AD9144-EBZ Datasheet HTML 3Page - Analog Devices AD9144-EBZ Datasheet HTML 4Page - Analog Devices AD9144-EBZ Datasheet HTML 5Page - Analog Devices AD9144-EBZ Datasheet HTML 6Page - Analog Devices AD9144-EBZ Datasheet HTML 7Page - Analog Devices AD9144-EBZ Datasheet HTML 8Page - Analog Devices AD9144-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 125 page
background image
Data Sheet
AD9144
Rev. B | Page 5 of 125
SPECIFICATIONS
DC SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
With calibration
Differential Nonlinearity (DNL)
±1.0
LSB
Integral Nonlinearity (INL)
±2.0
LSB
MAIN DAC OUTPUTS
Gain Error
With internal reference
−2.5
+2
+5.5
% FSR
I/Q Gain Mismatch
−0.6
+0.6
% FSR
Full-Scale Output Current
Based on a 4 kΩ external resistor between I120 and GND
Maximum Setting
25.5
27.0
28.6
mA
Minimum Setting
13.1
13.9
14.8
mA
Output Compliance Range
−250
+750
mV
Output Resistance
0.2
MΩ
Output Capacitance
3.0
pF
Gain DAC Monotonicity
Guaranteed
Settling Time
To within ±0.5 LSB
20
ns
MAIN DAC TEMPERATURE DRIFT
Offset
0.04
ppm
Gain
32
ppm/°C
REFERENCE
Internal Reference Voltage
1.2
V
ANALOG SUPPLY VOLTAGES
AVDD33
3.13
3.3
3.47
V
PVDD12
1.14
1.2
1.26
V
CVDD12
1.14
1.2
1.26
V
DIGITAL SUPPLY VOLTAGES
SIOVDD33
3.13
3.3
3.47
V
VTT
1.1
1.2
1.37
V
DVDD12
1.14
1.2
1.26
V
1.274
1.3
1.326
V
SVDD12
1.14
1.2
1.26
V
1.274
1.3
1.326
V
IOVDD
1.71
1.8
3.47
V
POWER CONSUMPTION
4× Interpolation Mode,
JESD Mode 4, 8 SERDES Lanes
fDAC = 1.6 GSPS, IF = 40 MHz, NCO off, PLL on, digital gain
on, inverse sinc on, DAC FSC = 20 mA
1.59
1.84
W
AVDD33
126
134
mA
PVDD12
95.3
112.4
mA
CVDD12
101
111
mA
SVDD12
Includes VTT
518.2
654
mA
DVDD12
234
255
mA
SIOVDD33
11
12
mA
IOVDD
36
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com