Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9144-EBZ
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 23Page - Analog Devices AD9144-EBZ Datasheet HTML 24Page - Analog Devices AD9144-EBZ Datasheet HTML 25Page - Analog Devices AD9144-EBZ Datasheet HTML 26Page - Analog Devices AD9144-EBZ Datasheet HTML 27Page - Analog Devices AD9144-EBZ Datasheet HTML 28Page - Analog Devices AD9144-EBZ Datasheet HTML 29Page - Analog Devices AD9144-EBZ Datasheet HTML 30Page - Analog Devices AD9144-EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 125 page
background image
Data Sheet
AD9144
Rev. B | Page 27 of 125
STEP 4: PHYSICAL LAYER
This section describes how to set up the physical layer of the
SERDES interface. In this section, the input termination settings
are configured along with the CDR sampling and SERDES PLL.
Table 20. Device Configurations and Physical Layer Settings
Addr.
Bit
No.
Value1
Variable
Description
0x2AA
0xB7
SERDES interface termination
setting
0x2AB
0x87
0x2B1
0xB7
SERDES interface termination
setting
0x2B2
0x87
0x2A7
0x01
Autotune PHY setting
0x2AE
0x01
Autotune PHY setting
0x314
0x01
SERDES SPI configuration
0x230
0x
5
Halfrate
Set up CDR; see the SERDES
Clocks Setup section
[4:2]
0x2
SERDES PLL default
configuration
1
OvSmp
Set up CDR; see the SERDES
Clocks Setup section
0x206
0x00
Reset CDR
0x206
0x01
Release CDR reset
0x289
0x
2
1
SERDES PLL configuration
[1:0]
PLLDiv
Set CDR oversampling for
PLL; see the SERDES Clocks
Setup section
0x284
0x62
Optimal SERDES PLL loop filter
0x285
0xC9
Optimal SERDES PLL loop filter
0x286
0x0E
Optimal SERDES PLL loop filter
0x287
0x12
Optimal SERDES PLL charge
pump
0x28A
0x7B
Optimal SERDES PLL VCO LDO
0x28B
0x00
Optimal SERDES PLL
configuration
0x290
0x89
Optimal SERDES PLL VCO
varactor
0x294
0x24
Optimal SERDES PLL charge
pump
0x296
0x03
Optimal SERDES PLL VCO
0x297
0x0D
Optimal SERDES PLL VCO
0x299
0x02
Optimal SERDES PLL
configuration
0x29A
0x8E
Optimal SERDES PLL VCO
varactor
0x29C
0x2A
Optimal SERDES PLL charge
pump
0x29F
0x78
Optimal SERDES PLL VCO
varactor
0x2A0
0x06
Optimal SERDES PLL VCO
varactor
0x280
0x01
Enable SERDES PLL2
0x268
0x
[7:6]
EqMode
See the Equalization Mode
Setup section
[5:0]
0x22
Required value (default)
1
0x denotes a register value that the user must fill in. See the Variable and
Description columns for information on selecting the correct register value.
2
Verify that Register 0x281[0] reads back 1 after enabling the SERDES PLL to
indicate that the SERDES PLL has locked.
STEP 5: DATA LINK LAYER
This section describes how to set up the data link layer of the
SERDES interface. This section deals with SYSREF processing,
setting deterministic latency, and establishing the link.
Table 21. Data Link Layer Settings
Addr.
Bit
No.
Value1
Variable
Description
0x301
0x
Subclass
See the JESD204B
Setup section.
0x304
0x
LMFCDel
See the Link Latency
Setup section.
0x305
0x
LMFCDel
See the Link Latency
section.
0x306
0x
LMFCVar
See the Link Latency
Setup section.
0x307
0x
LMFCVar
See the Link Latency
Setup section.
0x03A
0x01
Set sync mode =
one-shot sync; see
the Syncing LMFC
Signals section for
other sync options.
0x03A
0x81
Enable the sync
machine.
0x03A
0xC1
Arm the sync
machine.
SYSREF±
Signal
If Subclass = 1, ensure
that at least one
SYSREF± edge is sent
to the device.2
0x308
to
0x30B
0x
XBarVals
If remapping lanes,
set up crossbar; see
the Crossbar Setup
section.
0x334
0x
InvLanes
Invert polarity of
desired logical lanes.
Bit x of InvLanes
must be a 1 for each
Logical Lane x to
invert.
0x300
0x
Enable the links.
6
CheckSumMode
See the JESD204B
Setup section.
3
DualLink
2
CurrentLink
Set to 0 to access
Link 0 status or 1 for
Link 1 status
readbacks. See the
JESD204B Setup
section.
[1:0]
EnLinks
EnLinks = 3 if
DualLink = 1
(enables Link 0 and
Link 1);
EnLinks = 1 if
DualLink = 0 (enables
Link 0 only).
1
0x denotes a register value that the user must fill in. See the Variable and
Description columns for information on selecting the correct register value.
2
Verify that Register 0x03B[3] reads back 1 after sending at least one SYSREF±
edge to the device to indicate that the LMFC sync machine has properly locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com