Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9144-EBZ
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 45Page - Analog Devices AD9144-EBZ Datasheet HTML 46Page - Analog Devices AD9144-EBZ Datasheet HTML 47Page - Analog Devices AD9144-EBZ Datasheet HTML 48Page - Analog Devices AD9144-EBZ Datasheet HTML 49Page - Analog Devices AD9144-EBZ Datasheet HTML 50Page - Analog Devices AD9144-EBZ Datasheet HTML 51Page - Analog Devices AD9144-EBZ Datasheet HTML 52Page - Analog Devices AD9144-EBZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 125 page
background image
Data Sheet
AD9144
Rev. B | Page 49 of 125
Configuration Parameters
The AD9144 modes refer to the link configuration parameters
for L, K, M, N, NP, S, and F. Table 48 provides the description
and addresses for these settings.
Table 48. Configuration Parameters
JESD204B
Setting
Description
Address
L − 1
Number of lanes − 1.
0x453[4:0]
F − 1
Number of ((octets per frame) per
lane) − 1.
0x454[7:0]
K − 1
Number of frames per multiframe − 1.
0x455[4:0]
M − 1
Number of converters − 1.
0x456[7:0]
N − 1
Converter bit resolution − 1.
0x457[4:0]
NP − 1
Bit packing per sample − 1.
0x458[4:0]
S − 1
Number of ((samples per converter)
per frame) − 1.
0x459[4:0]
HD
High density format. Set to 1 if F = 1.
Leave at 0 if F ≠ 1.
0x45A[7]
F1
F parameter, in ((octets per frame) per
lane).
0x476[7:0]
DID
Device ID. Match the Device ID sent
by the transmitter.
0x450[7:0]
BID
Bank ID. Match the Bank ID sent by
the transmitter.
0x451[3:0]
LID0
Lane ID for lane 0. Match the Lane ID
sent by the transmitter on Logical
Lane 0.
0x452[4:0]
JESDV
JESD204x Version. Match the version
sent by the transmitter (0x0 =
JESD204A, 0x1 = JESD204B).
0x459[7:5]
1
F must be programmed in two places.
Data Flow Through the JESD204B Receiver
The link configuration parameters determine how the serial bits
on the JESD204B receiver interface are deframed and passed on
to the DACs as data samples. Figure 53 shows a detailed flow of
the data through the various hardware blocks for Mode 4 (L = 4,
M = 2, S = 1, F = 1). Simplified flow diagrams for all other modes
are provided in Figure 54 through Figure 62.
Single-Link and Dual-Link Configuration
The AD9144 uses the settings contained in Table 46 and Table 47.
Mode 0 to Mode 10 can be used for single-link operation.
Mode 4 to Mode 10 can also be used for dual-link operation.
To use dual-link mode, set LINK_MODE (Register 0x300[3]) to 1.
In dual-link mode, Link 1 must be programmed with identical
parameters to Link 0. To write to Link 1, set LINK_PAGE
(Register 0x300[2]) to 1.
If single-link mode is being used, a small amount of power can
be saved by powering down the output buffer for SYNCOUT1±,
which can be done by setting Register 0x203[0] = 1.
Checking Proper Configuration
As a convenience, the AD9144 provides some quick configuration
checks. Register 0x030[5] is high if an illegal LMFC_DELAY is
used. Register 0x030[3] is high if an unsupported combination
of L, M, F, and S is used. Register 0x030[2] is high if an illegal K
is used. Register 0x030[1] is high if an illegal SUBCLASSV is used.
Deskewing and Enabling Logical Lanes
After proper configuration, the logical lanes must be deskewed and
enabled to capture data.
Set Bit x in Register 0x46C to 1 to deskew Logical Lane x and to 0 if
that logical lane is not being used. Then, set Bit x in Register 0x47D
to 1 to enable Logical Lane x and to 0 if that logical lane is not being
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com