Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 97 Page - Analog Devices

Part # AD9144-EBZ
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 93Page - Analog Devices AD9144-EBZ Datasheet HTML 94Page - Analog Devices AD9144-EBZ Datasheet HTML 95Page - Analog Devices AD9144-EBZ Datasheet HTML 96Page - Analog Devices AD9144-EBZ Datasheet HTML 97Page - Analog Devices AD9144-EBZ Datasheet HTML 98Page - Analog Devices AD9144-EBZ Datasheet HTML 99Page - Analog Devices AD9144-EBZ Datasheet HTML 100Page - Analog Devices AD9144-EBZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 125 page
background image
Data Sheet
AD9144
Rev. B | Page 97 of 125
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x022
IRQEN_
STATUSMODE3
7
IRQEN_SMODE_
PDPERR1
Dual B PDP Error.
0x0
R/W
1
If PDPERR1 goes high, it latches and pulls IRQ
low
0
PDPERR1 shows current status
6
RESERVED
Reserved.
0x0
R
5
IRQEN_SMODE_
BLNKDONE1
Dual B Blanking Done Status Mode.
0x0
R/W
1
If BLNKDONE1 goes high, it latches and
pulls IRQ low
0
BLNKDONE1 shows current status
4
IRQEN_SMODE_
NCO_ALIGN1
Dual B NCO Align Tripped Status Mode
0x0
R/W
1
If NCO_ALIGN1 goes high, it latches and
pulls IRQ low
0
NCO_ALIGN1 shows current status
3
IRQEN_SMODE_
SYNC_LOCK1
Dual B Alignment Locked Status Mode.
0x0
R/W
1
If SYNC_LOCK1 goes high, it latches and
pulls IRQ low
0
SYNC_LOCK1 shows current status
2
IRQEN_SMODE_
SYNC_ROTATE1
Dual B Alignment Rotate Status Mode.
0x0
R/W
1
If SYNC_ROTATE1 goes high, it latches and
pulls IRQ low
0
SYNC_ROTATE1 shows current status
1
IRQEN_SMODE_
SYNC_WLIM1
Dual B Outside Window Status Mode.
0x0
R/W
1
If SYNC_WLIM1 goes high, it latches and
pulls IRQ low
0
SYNC_WLIM1 shows current status
0
IRQEN_SMODE_
SYNC_TRIP1
Dual B Alignment Tripped Status Mode.
0x0
R/W
1
If SYNC_TRIP1 goes high, it latches and
pulls IRQ low
0
SYNC_TRIP1 shows current status
0x023
IRQ_STATUS0
7
CALPASS
Calibration Pass Status. If
IRQEN_SMODE_CALPASS is low, this bit
shows current status. If not, this bit latches
on a rising edge and pull IRQ low. When
latched, write a 1 to clear this bit.
0x0
R
1
Calibration passed
6
CALFAIL
Calibration Fail Detection Status. If
IRQEN_SMODE_CALFAIL is low, this bit
shows current status. If not, this bit latches
on a rising edge and pull IRQ low. When
latched, write a 1 to clear this bit.
0x0
R
1
Calibration failed
5
DACPLLLOST
DAC PLL Lost Status. If
IRQEN_SMODE_DACPLLLOST is low, this bit
shows current status. If not, this bit latches
on a rising edge and pull IRQ low. When
latched, write a 1 to clear this bit.
0x0
R
1
DAC PLL lock was lost
4
DACPLLLOCK
DAC PLL Lock Status. If
IRQEN_SMODE_DACPLLLOCK is low, this bit
shows current status. If not, this bit latches
on a rising edge and pull IRQ low. When
latched, write a 1 to clear this bit.
0x0
R
1
DAC PLL locked
3
SERPLLLOST
SERDES PLL Lost Status. If
IRQEN_SMODE_SERPLLLOST is low, this bit
shows current status. If not, this bit latches
on a rising edge and pull IRQ low. When
latched, write a 1 to clear this bit.
0x0
R
1
SERDES PLL lock was lost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com