Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD9144-EBZ
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 92Page - Analog Devices AD9144-EBZ Datasheet HTML 93Page - Analog Devices AD9144-EBZ Datasheet HTML 94Page - Analog Devices AD9144-EBZ Datasheet HTML 95Page - Analog Devices AD9144-EBZ Datasheet HTML 96Page - Analog Devices AD9144-EBZ Datasheet HTML 97Page - Analog Devices AD9144-EBZ Datasheet HTML 98Page - Analog Devices AD9144-EBZ Datasheet HTML 99Page - Analog Devices AD9144-EBZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 125 page
background image
AD9144
Data Sheet
Rev. B | Page 96 of 125
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
2
IRQEN_SMODE_
SERPLLLOCK
SERDES PLL Lock Detection Status Mode.
0x0
R/W
1
If SERPLLLOCK goes high, it latches and
pulls IRQ low
0
SERPLLLOCK shows current status
1
IRQEN_SMODE_
LANEFIFOERR
Lane FIFO Error Detection Status Mode.
0x0
R/W
1
If LANEFIFOERR goes high, latches and
pulls IRQ low
0
LANEFIFOERR shows current status
0
RESERVED
Reserved.
0x0
R
0x020
IRQEN_
STATUSMODE1
[7:4]
RESERVED
Reserved.
0x0
R
3
IRQEN_SMODE_
PRBS3
DAC3 PRBS Error Status Mode.
0x0
R/W
1
If PRBS3 goes high, it latches and pulls IRQ
low
0
PRBS3 shows current status
2
IRQEN_SMODE_
PRBS2
DAC2 PRBS Error Status Mode.
0x0
R/W
1
If PRBS2 goes high, it latches and pulls IRQ
low
0
PRBS2 shows current status
1
IRQEN_SMODE_
PRBS1
DAC1 PRBS Error Status Mode.
0x0
R/W
1
If PRBS1 goes high, it latches and pulls IRQ
low
0
PRBS1 shows current status
0
IRQEN_SMODE_
PRBS0
DAC0 PRBS Error Status Mode.
0x0
R/W
1
If PRBS0 goes high, it latches and pulls IRQ
low
0
PRBS0 shows current status
0x021
IRQEN_
STATUSMODE2
7
IRQEN_SMODE_
PDPERR0
Dual A PDP Error.
0x0
R/W
1
If PDPERR0 goes high, it latches and pulls IRQ
low
0
PDPERR0 shows current status
6
RESERVED
Reserved.
0x0
R
5
IRQEN_SMODE_
BLNKDONE0
Dual A Blanking Done Status Mode.
0x0
R/W
1
If BLNKDONE0 goes high, it latches and
pulls IRQ low
0
BLNKDONE0 shows current status
4
IRQEN_SMODE_
NCO_ALIGN0
Dual A NCO Align Tripped Status Mode
0x0
R/W
1
If NCO_ALIGN0 goes high, it latches and
pulls IRQ low
0
NCO_ALIGN0 shows current status
3
IRQEN_SMODE_
SYNC_LOCK0
Dual A Alignment Locked Status Mode.
0x0
R/W
1
If SYNC_LOCK0 goes high, it latches and
pulls IRQ low
0
SYNC_LOCK0 shows current status
2
IRQEN_SMODE_
SYNC_ROTATE0
Dual A Alignment Rotate Status Mode.
0x0
R/W
1
If SYNC_ROTATE0 goes high, it latches and
pulls IRQ low
0
SYNC_ROTATE0 shows current status
1
IRQEN_SMODE_
SYNC_WLIM0
Dual A Outside Window Status Mode.
0x0
R/W
1
If SYNC_WLIM0 goes high, it latches and
pulls IRQ low
0
SYNC_WLIM0 shows current status
0
IRQEN_SMODE_
SYNC_TRIP0
Dual A Alignment Tripped Status Mode.
0x0
R/W
1
If SYNC_TRIP0 goes high, it latches and
pulls IRQ low
0
SYNC_TRIP0 shows current status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com