Electronic Components Datasheet Search
  English  ▼

X  

AD5693 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5693
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5693 Datasheet HTML 4Page - Analog Devices AD5693 Datasheet HTML 5Page - Analog Devices AD5693 Datasheet HTML 6Page - Analog Devices AD5693 Datasheet HTML 7Page - Analog Devices AD5693 Datasheet HTML 8Page - Analog Devices AD5693 Datasheet HTML 9Page - Analog Devices AD5693 Datasheet HTML 10Page - Analog Devices AD5693 Datasheet HTML 11Page - Analog Devices AD5693 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
AD5693R/AD5692R/AD5691R/AD5693
Data Sheet
Rev. D | Page 8 of 26
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
VLOGIC 2
RESET
3
LDAC
4
GND
5
VOUT
10
VREF
9
SDA
8
SCL
7
A0
6
AD5693R/
AD5691R
TOP VIEW
(Not to Scale)
Figure 5. AD5693R/AD5691R Pin Configuration, 10-Lead MSOP
Table 7. AD5693R/AD5691R Pin Function Descriptions, 10-Lead MSOP
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. These devices can be operated from 2.7 V to 5.5 V. Decouple the supply to GND.
2
VLOGIC
Digital Power Supply. Voltage ranges from 1.62 V to 5.5 V. Decouple the supply to GND.
3
RESET
Hardware Reset Pin. The RESET input is low level sensitive. When RESET is low, the device is reset and external
pins are ignored. The input and DAC registers are loaded with zero code value and control register loaded with
default values. Tie this pin to VLOGIC if not used. If this pin is forced low at power-up, the power-on reset (POR)
circuit does not initialize the device correctly until this pin is released.
4
LDAC
Load DAC. Transfers the content of the input register to the DAC register. It can be operated in two modes,
asynchronously and synchronously, as shown in Figure 4. This pin can be tied permanently low, and the DAC
updates when new data is written to the input register.
5
GND
Ground Reference.
6
A0
Programmable Address for Multiple Package Decoding. The address pin can be updated on-the-fly.
7
SCL
Serial Clock Line.
8
SDA
Serial Data Input/Output.
9
VREF
Reference Input/Output. In the AD5693R/AD5691R, this is a reference output pin by default. It is recommended
to use a 10 nF decoupling capacitor for the internal reference.
10
VOUT
Analog Output Voltage from the DAC. The output amplifier has rail-to-rail operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com