Electronic Components Datasheet Search
  English  ▼

X  

AD5693 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5693
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5693 Datasheet HTML 18Page - Analog Devices AD5693 Datasheet HTML 19Page - Analog Devices AD5693 Datasheet HTML 20Page - Analog Devices AD5693 Datasheet HTML 21Page - Analog Devices AD5693 Datasheet HTML 22Page - Analog Devices AD5693 Datasheet HTML 23Page - Analog Devices AD5693 Datasheet HTML 24Page - Analog Devices AD5693 Datasheet HTML 25Page - Analog Devices AD5693 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
AD5693R/AD5692R/AD5691R/AD5693
Data Sheet
Rev. D | Page 24 of 26
RECOMMENDED REGULATOR
The AD5693R/AD5692R/AD5691R/AD5693 use a 5 V (VDD)
supply as well as a digital logic supply (VLOGIC).
The analog and digital supplies required for the AD5693R/
AD5692R/AD5691R/AD5693 can be generated using Analog
Devices, Inc., low dropout (LDO) regulators such as the ADP7118
and the ADP162, respectively, for analog and digital supplies.
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration of
the power supply and ground return layout helps to ensure the
rated performance. Design the printed circuit board (PCB) on
which the ADCs are mounted such that the AD5693R/AD5692R/
AD5691R/AD5693 lie on the analog plane.
Ensure that the AD5693R/AD5692R/AD5691R/AD5693 have
ample supply bypassing of 10 µF, in parallel with a 0.1 µF capacitor
on each supply that is located as near the package as possible
(ideally, right up against the device). The 10 µF capacitors are
of the tantalum bead type. Ensure that the 0.1 µF capacitor has
low effective series resistance (ESR) and low effective series
inductance (ESI), such as the common ceramic types, which
provide a low impedance path to ground at high frequencies to
handle transient currents due to internal logic switching.
In systems where many devices are on one board, it is often
useful to provide some heat sinking capability to allow
the power to dissipate easily.
The LFCSP package of the AD5693R/AD5692R/AD5691R/
AD5693 has an exposed pad beneath the device. Connect this
pad to the GND supply of the device. For optimum performance,
use special consideration when designing the motherboard and
mounting the package. For enhanced thermal, electrical, and
board level performance, solder the exposed pad on the bottom
of the package to the corresponding thermal land pad on the
PCB. Design thermal vias into the PCB land pad area to further
improve heat dissipation.
The GND plane on the device can be increased (as shown in
Figure 51) to provide a natural heat sinking effect.
AD5693R/
AD5692R/
AD5691R/
AD5693
GND
PLANE
BOARD
Figure 51. Pad Connection to Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com