Electronic Components Datasheet Search
  English  ▼

X  

AD5692R Datasheet(PDF) 10 Page - Analog Devices

Part # AD5692R
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5692R Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5692R Datasheet HTML 6Page - Analog Devices AD5692R Datasheet HTML 7Page - Analog Devices AD5692R Datasheet HTML 8Page - Analog Devices AD5692R Datasheet HTML 9Page - Analog Devices AD5692R Datasheet HTML 10Page - Analog Devices AD5692R Datasheet HTML 11Page - Analog Devices AD5692R Datasheet HTML 12Page - Analog Devices AD5692R Datasheet HTML 13Page - Analog Devices AD5692R Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
AD5693R/AD5692R/AD5691R/AD5693
Data Sheet
Rev. D | Page 10 of 26
3
GND
4
A0
1
VDD
2
VLOGIC
6 SDA
5 SCL
8 VOUT
7 VREF
AD5693R-1
AD5691R-1
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
Figure 7. AD5693R-1/AD5691R-1 Pin Configuration, 8-Lead LFCSP, VLOGIC Option
Table 9. AD5693R-1/AD5691R-1 Pin Function Descriptions, 8-Lead LFCSP, VLOGIC Option
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. These devices can be operated from 2.7 V to 5.5 V. Decouple the supply to GND.
2
VLOGIC
Digital Power Supply. Voltage ranges from 1.62 V to 5.5 V. Decouple the supply to GND.
3
GND
Ground Reference.
4
A0
Programmable Address for Multiple Package Decoding. The address pin can be updated on-the-fly.
5
SCL
Serial Clock Line.
6
SDA
Serial Data Input/Output.
7
VREF
Reference Input/Output. In the AD5693R-1/AD5691R-1, this is a reference output pin by default. It is
recommended to use a 10 nF decoupling capacitor for the internal reference.
8
VOUT
Analog Output Voltage from the DAC. The output amplifier has rail-to-rail operation.
EPAD
Exposed Pad. Connect the exposed pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com