Electronic Components Datasheet Search
  English  ▼

X  

AD5692R Datasheet(PDF) 11 Page - Analog Devices

Part # AD5692R
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5692R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5692R Datasheet HTML 7Page - Analog Devices AD5692R Datasheet HTML 8Page - Analog Devices AD5692R Datasheet HTML 9Page - Analog Devices AD5692R Datasheet HTML 10Page - Analog Devices AD5692R Datasheet HTML 11Page - Analog Devices AD5692R Datasheet HTML 12Page - Analog Devices AD5692R Datasheet HTML 13Page - Analog Devices AD5692R Datasheet HTML 14Page - Analog Devices AD5692R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
AD5693R/AD5692R/AD5691R/AD5693
Rev. D | Page 11 of 26
3
GND
4
A0
1
VDD
2
RESET
6 SDA
5 SCL
8 VOUT
7 VREF
AD5693R-2
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
Figure 8. AD5693R-2 Pin Configuration, 8-Lead LFCSP, RESET Option
Table 10. AD5693R-2 Pin Function Descriptions, 8-Lead LFCSP, RESET Option
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. These devices can be operated from 2.7 V to 5.5 V. Decouple the supply to GND.
2
RESET
Hardware Reset Pin. The RESET input is low level sensitive. When RESET is low, the device is reset and external pins
are ignored. The input and DAC registers are loaded with zero code value and the control register is loaded with
default values. Tie this pin to VDD if not used. If this pin is forced low at power-up, the power-on reset (POR) circuit
does not initialize the device correctly until this pin is released.
3
GND
Ground Reference.
4
A0
Programmable Address for Multiple Package Decoding. The address pin can be updated on-the-fly.
5
SCL
Serial Clock Line.
6
SDA
Serial Data Input/Output.
7
VREF
Reference Input/Output. In the AD5693R-2, this is a reference output pin by default. It is recommended to use a
10 nF decoupling capacitor for the internal reference.
8
VOUT
Analog Output Voltage from the DAC. The output amplifier has rail-to-rail operation.
EPAD
Exposed Pad. Connect the exposed pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com