Electronic Components Datasheet Search
  English  ▼

X  

AD5692R Datasheet(PDF) 26 Page - Analog Devices

Part # AD5692R
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5692R Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5692R Datasheet HTML 18Page - Analog Devices AD5692R Datasheet HTML 19Page - Analog Devices AD5692R Datasheet HTML 20Page - Analog Devices AD5692R Datasheet HTML 21Page - Analog Devices AD5692R Datasheet HTML 22Page - Analog Devices AD5692R Datasheet HTML 23Page - Analog Devices AD5692R Datasheet HTML 24Page - Analog Devices AD5692R Datasheet HTML 25Page - Analog Devices AD5692R Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
AD5693R/AD5692R/AD5691R/AD5693
Data Sheet
Rev. D | Page 26 of 26
ORDERING GUIDE
Model1
Resolution (Bits)
Pinout
Temperature Range
Performance
Package
Description
Package
Option
Branding
AD5693RACPZ-RL7
16
LDAC
−40°C to +105°C
A Grade
8-Lead LFCSP_UD
CP-8-10
AB
AD5693RACPZ-1RL7
16
VLOGIC
−40°C to +105°C
A Grade
8-Lead LFCSP_UD
CP-8-10
AC
AD5693RARMZ
16
−40°C to +105°C
A Grade
10-Lead MSOP
RM-10
DJU
AD5693RARMZ-RL7
16
−40°C to +105°C
A Grade
10-Lead MSOP
RM-10
DJU
AD5693RBCPZ-2RL7
16
RESET
−40°C to +105°C
B Grade
8-Lead LFCSP_UD
CP-8-10
AD
AD5693RBRMZ
16
−40°C to +105°C
B Grade
10-Lead MSOP
RM-10
DJV
AD5693RBRMZ-RL7
16
−40°C to +105°C
B Grade
10-Lead MSOP
RM-10
DJV
AD5693BCPZ-RL7
16
LDAC
−40°C to +105°C
B Grade
8-Lead LFCSP_UD
CP-8-10
AA
AD5692RACPZ-RL7
14
LDAC
−40°C to +105°C
A Grade
8-Lead LFCSP_UD
CP-8-10
4M
AD5691RACPZ-1RL7
12
VLOGIC
−40°C to +105°C
A Grade
8-Lead LFCSP_UD
CP-8-10
5W
AD5691RBCPZ-RL7
12
LDAC
−40°C to +105°C
B Grade
8-Lead LFCSP_UD
CP-8-10
6M
AD5691RBRMZ
12
−40°C to +105°C
B Grade
10-Lead MSOP
RM-10
DK2
AD5691RBRMZ-RL7
12
−40°C to +105°C
B Grade
10-Lead MSOP
RM-10
DK2
EVAL-AD5693RSDZ
Evaluation Board
1 Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2014–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12077-0-2/17(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com