Electronic Components Datasheet Search
  English  ▼

X  

AD5692R Datasheet(PDF) 12 Page - Analog Devices

Part # AD5692R
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5692R Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5692R Datasheet HTML 8Page - Analog Devices AD5692R Datasheet HTML 9Page - Analog Devices AD5692R Datasheet HTML 10Page - Analog Devices AD5692R Datasheet HTML 11Page - Analog Devices AD5692R Datasheet HTML 12Page - Analog Devices AD5692R Datasheet HTML 13Page - Analog Devices AD5692R Datasheet HTML 14Page - Analog Devices AD5692R Datasheet HTML 15Page - Analog Devices AD5692R Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
AD5693R/AD5692R/AD5691R/AD5693
Data Sheet
Rev. D | Page 12 of 26
TYPICAL PERFORMANCE CHARACTERISTICS
2
1
0
–1
–2
0
CODE
50000
60000 65535
40000
30000
20000
10000
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 9. AD5693R/AD5693 INL
2
1
0
–1
–2
0
CODE
10000
8000
6000
4000
2000
12000
14000
16383
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 10. AD5692R INL
2.0
1.0
0
–1.0
1.5
0.5
–0.5
–1.5
–2.0
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 11. AD5691R INL
2
1
0
–1
–2
CODE
0
50000
60000 65535
40000
30000
20000
10000
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 12. AD5693R/AD5693 DNL
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
CODE
0
10000
8000
6000
4000
2000
12000
14000
16383
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 13. AD5692R DNL
1.0
0.6
0
–0.6
0.8
0.2
–0.4
0.4
–0.2
–0.8
–1.0
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 14. AD5691R DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com