Electronic Components Datasheet Search
  English  ▼

X  

AD5692R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5692R
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5692R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5692R Datasheet HTML 18Page - Analog Devices AD5692R Datasheet HTML 19Page - Analog Devices AD5692R Datasheet HTML 20Page - Analog Devices AD5692R Datasheet HTML 21Page - Analog Devices AD5692R Datasheet HTML 22Page - Analog Devices AD5692R Datasheet HTML 23Page - Analog Devices AD5692R Datasheet HTML 24Page - Analog Devices AD5692R Datasheet HTML 25Page - Analog Devices AD5692R Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
AD5693R/AD5692R/AD5691R/AD5693
Rev. D | Page 23 of 26
LOAD DAC (HARDWARE LDAC PIN)
The AD5693R/AD5692R/AD5691R/AD5693 DAC has a double
buffered interface consisting of an input register and a DAC
register. The LDAC pin transfers data from the input register to
the DAC register, and the output is updated.
Synchronous DAC Update
If the LDAC pin is held low while the input register is written,
the DAC register, input register, and output are updated on the
last SCL falling edge before the ACK bit, as shown in Figure 4.
Asynchronous DAC Update
LDAC is held high while data is transmitted to the device. The
DAC output is updated by taking LDAC low after the stop
condition has been generated. The output DAC is updated on
the falling edge of the LDAC pin. If LDAC is pulsed while the
device is accessed, the pulse is ignored.
HARDWARE RESET
RESET is an active low signal that resets the DAC output to zero-
scale and sets the input, DAC, and control registers to their
default values. It is necessary to keep RESET low for 75 ns to
complete the operation. When the RESET signal is returned high,
the output remains at zero scale until a new value is programmed.
While the RESET pin is low, the AD5693R/AD5692R/AD5691R/
AD5693 ignore any new command. If the RESET pin is held
low at power-up, the internal reference is not initialized
correctly until the RESET pin is released.
THERMAL HYSTERESIS
Thermal hysteresis is the voltage difference induced on the
reference voltage by sweeping the temperature from ambient
to cold, to hot, and then back to ambient.
The thermal hysteresis data is shown in Figure 50. It is measured by
sweeping the temperature from ambient to −40°C, then to +105°C,
and finally returning to ambient. The VREF delta is measured
between the two ambient measurements; the result is shown in
solid lines in Figure 50. The same temperature sweep and
measurements were immediately repeated; the results are
shown in dashed lines in Figure 50.
6
4
5
3
2
1
0
–100
60
20
–20
–60
40
0
–40
–80
DISTORTION (ppm)
FIRST TEMPERATURE SWEEP
SUBSEQUENT SWEEPS
Figure 50. Thermal Hysteresis
POWER-UP SEQUENCE
Because diodes limit the voltage compliance at the digital pins
and analog pins, it is important to power GND first before
applying any voltage to VDD, VOUT, and VLOGIC. Otherwise, the
diode is forward-biased such that VDD is powered uninten-
tionally. The ideal power-up sequence is GND, VDD, VLOGIC,
VREF, followed by the digital inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com