Electronic Components Datasheet Search
  English  ▼

X  

TM8705 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TM8705
Description  High-Performance 4-Bit Microcomputer with LCD/LED Driver.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TM8705 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TM8705 Datasheet HTML 1Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TM8705
5
tenx technology, inc.
Rev 1.3
03/12/01
PIN DESCRIPTION
Name
I/O
Description
BAK
P
Positive Back-up voltage.
At Li power mode, connect a 0.1u capacitor to GND.
VDD1,2,3
P
LCD supply voltage, and positive supply voltage.
.In Ag Mode, connect positive power to VDD1.
.In Li or ExtV power mode, connect positive power to VDD2.
RESET
I
Input pin for external reset request signal, built-in internal pull-down resistor.
INT
I
Input pin for external INT request signal.
. Falling edge or rising edge triggered is defined by mask option.
. Internal pull-down or pull-up resistor is defined by mask option.
TEST
Test signal input pin.
CUP1,2
O
Switching pins for supply the LCD driving voltage to the VDD1, 2, 3 pins.
. Connect the CUP1 and CUP2 pins with non-polarized electrolytic capacitors when
chip operated in 1/2 or 1/3 bias mode.
. In no BIAS mode application, leave these pins opened.
XIN
XOUT
I
O
Time base counter frequency (clock specified. LCD alternating frequency. Alarm signal
frequency) or system clock oscillation.
. The usage of 32KHz Crystal oscillator or external RC oscillator is defined by mask
option.
CFIN
CFOUT
I
O
System clock oscillation for FAST clock only or DUAL clock operation.
. The usage of 3.58MHz ceramic/resonator oscillator or external R type oscillator is
defined by mask option
COM1~6
O
Output pins for driving the common pins of the LCD panel.
COM5~6 could be defined as COMS or Open Drain type output.
SEG1-40
O
Output pins for driving the LCD panel segment.
IOA1-4
I/O
Input / Output port A, (muxed with SEG24~27)
IOB1-4
I/O
Input / Output port B, (muxed with SEG28~31)
IOC1-4
I/O
Input / Output port C, (muxed with SEG32~35)
IOD1~4
I/O
Input / Output port D, (muxed with SEG36~39)
CX
RR/RT/RH
I
O
1 input pin and 3 output pins for RFC application. (muxed with SEG24~27)
ELC/ELP
O
Output port for El panel driver. (muxed with SEG28~29)
BZB/BZ
O
Output port for alarm, clock or single tone melody generator. (muxed with SEG30~31)
K1~16
O
Output port for key matrix scanning.(Shared with SEG1~SEG16)
KI1~4
I
Input port for key matrix scanning.(Muxed with SEG32~SEG35)
GND
P
Negative supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com